Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS71719DCKRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS71719DCKRG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 28 page ELECTRICAL CHARACTERISTICS TPS717xx www.ti.com.................................................................................................................................................. SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009 Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater; IOUT = 0.5mA, VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V. Typical values are at TJ = +25°C. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN Input voltage range(1) 2.5 6.5 V VFB Internal reference (TPS71701) 0.790 0.800 0.810 V Output voltage range (TPS717xx) 0.9 5.0 V VOUT Output voltage range (TPS71701) 0.9 6.5 – VDO V Output accuracy Nominal TJ = +25°C ±2.5 mV Output accuracy Over VIN, IOUT, VOUT + 0.5V ≤ VIN ≤ 6.5V –30 +30 mV VOUT (VOUT < 1.0V) Temp(2) 0mA ≤ IOUT ≤ 150mA Output accuracy Over VIN, IOUT, VOUT + 0.5V ≤ VIN ≤ 6.5V –3.0 +3.0 % (VOUT ≥ 1.0V) Temp(2) 0mA ≤ IOUT ≤ 150mA VOUT(NOM) + 0.5V ≤ VIN ≤ 6.5V, ΔVOUT/ ΔVIN Line regulation (1) 125 µV/V IOUT = 5mA ΔVOUT/ ΔIOUT Load regulation 0mA ≤ IOUT ≤ 150mA 120 µV/mA Dropout voltage(3) VDO IOUT = 150mA 170 300 mV (VIN = VOUT(NOM) – 0.1V) ICL (Fixed) Output current limit (fixed output) VOUT = 0.9 × VOUT(NOM) 200 325 575 mA ICL (Adjustable) Output current limit (TPS71701) VOUT = 0.9 × VOUT(NOM) 200 325 575 mA IOUT = 0.1mA 45 80 µA IGND Ground pin current IOUT = 150mA 100 µA VEN ≤ 0.4V, 2.5V ≤ VIN < 4.5V, 0.20 1.5 µA TJ = –40°C to +85°C Shutdown current ISHDN (IGND) VEN ≤ 0.4V, 4.5V ≤ VIN ≤ 6.5V, 0.90 µA TJ = –40°C to +85°C IFB Feedback pin current (TPS71701) 0.02 1.0 µA f = 100Hz 70 dB f = 1kHz 70 dB Power-supply rejection ratio PSRR VIN = 3.8V, VOUT = 2.8V, f = 10kHz 67 dB IOUT = 150mA f = 100kHz 67 dB f = 1MHz 45 dB CNR = none 95 × VOUT µV RMS (fixed output, TPS71701) Output noise voltage BW = 100Hz to 100kHz, CNR = 0.001µF 25 × VOUT µV RMS VN VIN = 3.8V, VOUT = 2.8V, CNR = 0.01µF 12.5 × VOUT µV RMS IOUT = 10mA CNR = 0.1µF 11.5 × VOUT µV RMS Startup time 0.9V ≤ VOUT ≤ 1.6V, CNR = 0.001µF 0.700 ms TSTR VOUT = 90% VOUT(NOM), 1.6V < VOUT < VMAX, CNR = 0.01µF 0.160 ms RL = 19Ω, COUT = 1.0µF VIN ≤ 5.5V 1.2 6.5(4) V VEN(HI) Enable high (enabled) 5.5V < VIN ≤ 6.5V 1.25 6.5 V VEN(LO) Enable low (shutdown) 0 0.4 V IEN(HI) Enable pin current, enabled EN = 6.5V 0.02 1.0 µA Under-voltage lockout VIN rising 2.41 2.45 2.49 V UVLO Hysteresis VIN falling 150 mV Shutdown, temperature increasing +160 °C TSD Thermal shutdown temperature Reset, temperature decreasing +140 °C TJ Operating junction temperature –40 +125 °C (1) Minimum VIN = VOUT + VDO or 2.5V, whichever is greater. (2) Does not include external resistor tolerances. (3) VDO is not measured for devices with VOUT(NOM) < 2.6V because minimum VIN = 2.5V. (4) Maximum VEN(HI) = VIN + 0.3 or 6.5V, whichever is smaller. Copyright © 2006–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 |
Número de pieza similar - TPS71719DCKRG4 |
|
Descripción similar - TPS71719DCKRG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |