Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2524A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC2524A
Descripción Electrónicos  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2524A Datasheet(HTML) 4 Page - Texas Instruments

  UC2524A Datasheet HTML 1Page - Texas Instruments UC2524A Datasheet HTML 2Page - Texas Instruments UC2524A Datasheet HTML 3Page - Texas Instruments UC2524A Datasheet HTML 4Page - Texas Instruments UC2524A Datasheet HTML 5Page - Texas Instruments UC2524A Datasheet HTML 6Page - Texas Instruments UC2524A Datasheet HTML 7Page - Texas Instruments UC2524A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
UC1524A
UC2524A
UC3524A
PARAMETER
TEST CONDITIONS
UC1524A / UC2524A
UC3524A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Output Section ( cont.) (Each Output)
Saturation Voltage
IC = 20mA
IC = 200mA
.2
1
.4
2.2
.2
1
.4
2.2
V
V
Emitter Output Voltage
IE = 50mA
17
18
17
18
V
Rise Time*
TJ= 25°C, R = 2k
120
400
120
400
ns
Fall Time*
TJ = 25°C, R = 2k
25
200
25
200
ns
Comparator Delay*
TJ = 25°C, Pin 9 to output
300
300
ns
Shutdown Delay*
TJ = 25°C, Pin 10 to output
200
200
ns
Shutdown Threshold
TJ = 25°C, RC = 2k
0.6
.7
1.0
0.6
.7
1.0
V
S/D Threshold Over Temp.
Over Operating Temperature Range
0.4
1.2
0.4
1.0
V
Thermal Shutdown*
165
165
°C
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1524A, -40° to +85°C for the UC2524A, and 0°C to + 70°C for the UC3524A; VIN
= VC = 20V. TA =TJ.
* These parameters are ensured by design but not 100% tested in production.
OPEN-LOOP CIRCUIT


Número de pieza similar - UC2524A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2524A TI-UC2524A Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524A TI1-UC2524A Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ADW TI-UC2524ADW Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ADW TI1-UC2524ADW Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ADWG4 TI-UC2524ADWG4 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

Descripción similar - UC2524A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com