Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2625J Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza UC2625J
Descripción Electrónicos  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2625J Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC2625J Datasheet HTML 4Page - Texas Instruments UC2625J Datasheet HTML 5Page - Texas Instruments UC2625J Datasheet HTML 6Page - Texas Instruments UC2625J Datasheet HTML 7Page - Texas Instruments UC2625J Datasheet HTML 8Page - Texas Instruments UC2625J Datasheet HTML 9Page - Texas Instruments UC2625J Datasheet HTML 10Page - Texas Instruments UC2625J Datasheet HTML 11Page - Texas Instruments UC2625J Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
UC1625
UC2625
UC3625
0.001
0.01
0.1
100Hz
1kHz
10kHz
100kHz
1MHz
Rosc
- 30k
Rosc
- 10k
Rosc
- 100k
C( F)
OSC
µ
C( F)
OSC
µ
TYPICAL CHARACTERISTICS
Figure 2. Oscillator frequency vs. COSC and ROSC.
0.001
0.01
0.1
1s
µ
10 s
µ
100 s
µ
1ms
10ms
100ms
R -
500k
T
R -
500k
T
R -
100k
T
R -
100k
T
R -
30k
T
R -
30k
T
R -
10k
T
R -
10k
T
C( F)
T
µ
Figure 3. Tachometer on time vs RT and CT.
Figure 4. Supply current vs. temperature.
Figure 5. Soft start pull-up current vs temperature.


Número de pieza similar - UC2625J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2625 TI1-UC2625 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625-EP TI-UC2625-EP Datasheet
561Kb / 24P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
UC2625DW TI1-UC2625DW Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWG4 TI1-UC2625DWG4 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWTR TI1-UC2625DWTR Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Descripción similar - UC2625J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com