Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2638 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC2638
Descripción Electrónicos  Advanced PWM Motor Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2638 Datasheet(HTML) 3 Page - Texas Instruments

  UC2638 Datasheet HTML 1Page - Texas Instruments UC2638 Datasheet HTML 2Page - Texas Instruments UC2638 Datasheet HTML 3Page - Texas Instruments UC2638 Datasheet HTML 4Page - Texas Instruments UC2638 Datasheet HTML 5Page - Texas Instruments UC2638 Datasheet HTML 6Page - Texas Instruments UC2638 Datasheet HTML 7Page - Texas Instruments UC2638 Datasheet HTML 8Page - Texas Instruments UC2638 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UC1638
UC2638
UC3638
ELECTRICAL CHARACTERISTICS
Unless otherwise specified; VCC = 15V, VEE =–15V, CT = 680pF, RT = 3k,
VPVSET = 1.5V, VCOMP = 0V, VCSOUT = 0V, VDB = REF, VEXTREF = 0V, VSD =
VCC – 3V, TA =
−55°C to 125°C for the UC1638, −25°C to 85°C for the UC2638,
0°C to 70°C for the UC3638. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current, Operating
15
23
mA
UVLO Threshold
Reference to VEE
9
10
V
UVLO Hysteresis
Reference to VEE
1
V
Voltage Amplifier
Input Offset Voltage
COMP = 0V
−15
0
15
mV
VSENSE Bias Current
0
0.5
2
mA
Open Loop Gain
COMP =
−5V to +5V
75
100
dB
CMRR
VCM =
−5V to +5V
70
100
dB
PSRR
VCM = 0V, VCC
− VEE = 10V to 36V
70
90
dB
VOUT High
INV =
−0.1V, RL = 10k
13
13.6
V
VOUT Low
INV = +0.1V, RL = 10k
−13.8
–13
V
Slew Rate Rising and Falling
Overdrive =
±1V
12
V/
µs
Output Source Current
COMP Shorted to VEE
5
15
mA
Output Sink Current
COMP Shorted to VCC
15
40
mA
Gain Bandwidth Product
FIN = 100kHz, 10mV p-p
1
5
MHz
5V Reference
Output Voltage
IREF =
−1mA, TA = 25°C
4.925
5
5.075
V
Output Voltage
IREF =
−1mA
4.875
5
5.125
V
Load Regulation
IREF =
−1mA to −10mA
−15
2
15
mV
Line Regulation
VCC - VEE = 10V to 36V
−15
2
15
mV
Short Circuit Current
VREF =0V
15
70
mA
Oscillator
Initial Accuracy
TA = 0°C – 70°C
86
98
110
kHz
Voltage Stability
VCC
− VEE = 10V to 36V
2
%
Total Variation
Line, Temperature
76
98
120
kHz
PVSET Input Bias Current
0.5
3
µA
PVSET Input Voltage Range
(Note 1)
0.5
VREF
V
Amplitude Limit
(Note 1)
VEE+3
VCC
−3V
AOUT1, BOUT1 Output Drivers
Output Low Voltage
IOUT = 1mA, Ref. to PVE, PVE = 0V
0.9
1.3
V
IOUT = 50mA
1.2
1.8
V
Leakage Current
Output Voltage = 50V
0.1
50
µA
AOUT2, BOUT2 Output Drivers
Output High Voltage
IOUT =
−20mA, Ref. to PVE, PVE = 0V
12.2
13.5
V
IOUT =
−100mA, Ref. to PVE, PVE = 0V
12
13.5
V
Output High Clamp Level
IOUT =
−20mA, Ref. to PVE, PVE = VEE
14.4
16.5
V
Output Low Voltage
IOUT = 20mA, Ref. to PVE, PVE = 0V
0.4
1
V
IOUT = 100mA, Ref. to PVE, PVE = 0V
0.6
2.2
V
Output Rise Time
COUT = 1nF
50
100
ns
Output Fall Time
COUT = 1nF
50
100
ns


Número de pieza similar - UC2638

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2638 TI1-UC2638 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC2638DW TI1-UC2638DW Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC2638DWG4 TI1-UC2638DWG4 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC2638DWTR TI1-UC2638DWTR Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC2638DWTRG4 TI1-UC2638DWTRG4 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results

Descripción similar - UC2638

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com