Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE1617ADS Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza NE1617ADS
Descripción Electrónicos  Temperature monitor for microprocessor systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

NE1617ADS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NE1617ADS Datasheet HTML 6Page - NXP Semiconductors NE1617ADS Datasheet HTML 7Page - NXP Semiconductors NE1617ADS Datasheet HTML 8Page - NXP Semiconductors NE1617ADS Datasheet HTML 9Page - NXP Semiconductors NE1617ADS Datasheet HTML 10Page - NXP Semiconductors NE1617ADS Datasheet HTML 11Page - NXP Semiconductors NE1617ADS Datasheet HTML 12Page - NXP Semiconductors NE1617ADS Datasheet HTML 13Page - NXP Semiconductors NE1617ADS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
NE1617A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 July 2009
10 of 27
NXP Semiconductors
NE1617A
Temperature monitor for microprocessor systems
commands of registers named WIHL, WILL, WEHL, WELL, RIHL, RILL, REHL, RELL,
accordingly. The POR default values are +127
°C (0111 1111) for the HIGH limit and
−55 °C (1100 1001) for the LOW limit.
8.3.6 One-shot command
The one-shot command is not actually a data register as such and a write operation to it
will initiate an ADC conversion. The send byte format of the SMBus, as described later,
with the use of OSHT command (0Fh), is used for this writing operation. In normal
free-running-conversion operation mode of the device, a one-shot command immediately
forces a new conversion cycle to begin. However, if a conversion is in progress when a
one-shot command is received, the command is ignored. In software standby mode the
one-shot command generates a single conversion and comparison cycle and then puts
the device back in its standby mode after the conversion. In hardware standby mode, the
one shot is inhibited.
8.3.7 Status register
The content of the status register reflects condition status resulting from all of these
activities: comparisons between temperature measurements and temperature limits, the
status of ADC conversion, and the hardware condition of the connection of external diode
to the device. Bit assignments and bit functions of this register are listed in Table 8. This
register can only be read using the command of register named RS. Upon POR, the
status of all flag bits are reset to zero. The status byte is cleared by any successful read of
the status register unless the fault condition persists.
Notice that any one of the fault conditions, except the conversion busy, also introduces an
Alert interrupt to the SMBus that will be described in Section 8.3.8. Also, whenever a
one-shot command is executed, the status byte should be read after the conversion is
completed, which is about 170 ms after the one-shot command is sent.
[1]
These flags stay HIGH until the status register is read or POR is activated.
[2]
This flag stays HIGH until POR is activated.
8.3.8 Alert interrupt
The ALERT output is used to signal Alert interruption from the device to the SMBus and is
active LOW. Because this output is an open-drain output, a pull-up resistor (10 k
Ω typical)
to VDD is required, and slave devices can share a common interrupt line on the same
SMBus. An Alert interrupt is asserted by the device whenever any one of the fault
conditions, as described in Section 8.3.7 “Status register”, occurs: measured temperature
equals or exceeds corresponding temp limits, the remote diode is physically disconnected
from the device pins. Alert interrupt signal is latched and can only be cleared by reading
Table 8.
Status register bit assignment
Bit
Symbol
POR state
Function
7 (MSB)
BUSY
n/a
HIGH when the ADC is busy converting
6
IHLF[1]
0
HIGH when the internal temperature high limit has tripped
5
ILLF[1]
0
HIGH when the internal temperature low limit has tripped
4
EHLF[1]
0
HIGH when the external temperature high limit has tripped
3
ELLF[1]
0
HIGH when the external temperature low limit has tripped
2
OPEN[2]
0
HIGH when the external diode is opened
1 to 0
-
0
reserved


Número de pieza similar - NE1617ADS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
More results

Descripción similar - NE1617ADS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com