Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA18218HN Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA18218HN
Descripción Electrónicos  DVB-T Silicon Tuner IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18218HN Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA18218HN Datasheet HTML 1Page - NXP Semiconductors TDA18218HN Datasheet HTML 2Page - NXP Semiconductors TDA18218HN Datasheet HTML 3Page - NXP Semiconductors TDA18218HN Datasheet HTML 4Page - NXP Semiconductors TDA18218HN Datasheet HTML 5Page - NXP Semiconductors TDA18218HN Datasheet HTML 6Page - NXP Semiconductors TDA18218HN Datasheet HTML 7Page - NXP Semiconductors TDA18218HN Datasheet HTML 8Page - NXP Semiconductors TDA18218HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TDA18218HN_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 8 July 2009
2 of 25
NXP Semiconductors
TDA18218HN
DVB-T Silicon Tuner IC
4.
Quick reference data
[1]
Measured with TDA10048 channel decoder.
5.
Ordering information
6.
Block diagram
Table 1.
Quick reference data
Tamb =25 °C; VCC = 3.3 V; IF output level option = 2 V (p - p); IF output load=1kΩ on each terminal
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRF
RF frequency
center of channel
174
-
864
MHz
NFtun
tuner noise figure
normal mode; maximum gain
-
5
7
dB
ϕn
phase noise
worst case in the RF frequency range
10 kHz
-
−85
-
dBc/Hz
100 kHz
-
−105
-
dBc/Hz
P
power dissipation
-
775
-
mW
Vi(max)
maximum input voltage
1 dB gain compression, one analog TV signal
-
108
-
dB
µV
αimage
image rejection
normal mode
-
65
-
dB
Sdig
digital sensitivity
DVB-T (64 QAM 2/3); BER = 2
× 10−4
[1] -
−82
-
dBm
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18218HN
HVQFN48
plastic thermal enhanced very thin quad flat package;
no leads; 48 terminals; body 7
× 7 × 0.85 mm
SOT619-1
Fig 1.
Block diagram
001aaj012
AGC2
1
IFO_P
IF
SELECTIVITY
LPFc
IF
AGC
RF_IN
31
IFO_N
30
VIFAGC
32
XTO_P
19
46
LT
TDA18218HN
SYNTHESIZER
I2C
INTERFACE
LEVEL
CONTROL
CRYSTAL
OSCILATOR
AGC1
LEVEL
CONTROL
ATTENUATOR
mixer
BP
FILTER
XTO_N
17
XTAL_N
16
XTAL_P
15
CPLO
14
VTLO
36
SDA
35
SCL
22
AS
20


Número de pieza similar - TDA18218HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18211HDC2 NXP-TDA18211HDC2 Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
More results

Descripción similar - TDA18218HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
NXP Semiconductors
TDA18291HN NXP-TDA18291HN Datasheet
129Kb / 6P
   Low power DVB / T tuner
Rev. 01-28 August 2007
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com