Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4815VH Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza LA4815VH
Descripción Electrónicos  Monaural Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815VH Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA4815VH Datasheet HTML 3Page - Sanyo Semicon Device LA4815VH Datasheet HTML 4Page - Sanyo Semicon Device LA4815VH Datasheet HTML 5Page - Sanyo Semicon Device LA4815VH Datasheet HTML 6Page - Sanyo Semicon Device LA4815VH Datasheet HTML 7Page - Sanyo Semicon Device LA4815VH Datasheet HTML 8Page - Sanyo Semicon Device LA4815VH Datasheet HTML 9Page - Sanyo Semicon Device LA4815VH Datasheet HTML 10Page - Sanyo Semicon Device LA4815VH Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LA4815VH
No.A1374-7/15
3. Mute control pin (Pin 3)
The internal power amplifier circuit can be disabled and audio mute is turned on by controlling the voltage applied to
Pin 3. Control can be performed directly using the CPU output port, but digital noise from the CPU may worsen the
LA4815VH noise floor. Therefore, inserting a series resistor, Rm1 (1 to 2.2k
Ω) as shown in Fig. 6, is recommended.
• Mute ON : Low
• Mute OFF : High or open
In addition, the Pin 3 DC voltage is dependent on the supply voltage, so a reverse current flows to the CPU power
supply line when the Pin 3 voltage is higher than the CPU supply voltage. In these cases, connect a resistor, Rm2 (see
Fig. 7) between Pin 3 and GND to lower the Pin 3 DC voltage as shown in Fig. 6.
Note that when not using the mute function, Pin 3 must be left open.
Figure 6
Reverse current prevention resistor value : Rm2 (reference value)
← When V3 is set to approximately 2.5V
Figure 7
4. Mute control timing
When performing mute control, exercise control at the timing shown in Fig. 8.
During power-on : Twu = 0 to 50ms
* Pins 2 and 3 can also rise simultaneously.
During power-off : Twd = 100 to 200ms
Figure 8
Pin 2
(VCC)
Pin 3
(MUTE)
Twd
Twu
Rm1
1k
Rm2
VDD
VSS
CPU
LA4815VH
GND
VCC
30k
30k
40k
10k
3
* For reverse
current prevention
Rm2 – VCC
10
100
7
5
3
2
7
5
3
2
1000
610
12
14
16
18
820
Supply voltage, VCC –V


Número de pieza similar - LA4815VH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH Datasheet
249Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
More results

Descripción similar - LA4815VH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com