Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3173A Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza UC3173A
Descripción Electrónicos  Full Bridge Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC3173A Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC3173A Datasheet HTML 4Page - Texas Instruments UC3173A Datasheet HTML 5Page - Texas Instruments UC3173A Datasheet HTML 6Page - Texas Instruments UC3173A Datasheet HTML 7Page - Texas Instruments UC3173A Datasheet HTML 8Page - Texas Instruments UC3173A Datasheet HTML 9Page - Texas Instruments UC3173A Datasheet HTML 10Page - Texas Instruments UC3173A Datasheet HTML 11Page - Texas Instruments UC3173A Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UC3173A
8
Figure 1. Typical application.
APPLICATION INFORMATION (cont.)
Design Procedure for Application of the UC3173A
The following is a simple design flow that can be used to
configure the UC3173A Full Bridge Power Amplifiers as
shown in Fig. 1.
A. Current Sense Resistor
Choose RS to be as large as head room will tolerate, this
is the series current sense resistor.
B. Select Feedback Resistance
Choose a value of RFB to be less than the peak current
sense amplifier swing divided by 1mA. A value in the
range of 3k to 10k is suggested.
C. Set Transconductance
Calculate RFA according to:
R=
R
0.5 R
G
FA
FB
SmHR
••
(1)
If the range change option is not going to be used, it is
recommended that the device be set in the low range
mode and RFA be calculated by:
R=
R
2R
G
FA
FB
SmLR
••
(2)
D. Optimize Voltage Swing
In order to assure that maximum voltage drive to the
load is achievable, there are some precautions that
should be taken. In a standard configuration, the B am-
plifier is slaved to the A amplifier. The bias point of the
and the gain of the B amplifier, as well as the saturation
voltages of the power output stages, will affect the volt-
age available to the load.
There are two simple procedures to follow, either will
insure that the capabilities of the device are fully utilized.
The first is to set the REFIN voltage at the center of the
available voltage swing at the output of the power
amplifiers. This optimum reference is defined by
equation (3)
GM =
IL
V
=
R
R
I
AV
R
S
FB
FA
CS
S
AVCS =Current Sense Amplifier Gain = 2.0 Low Range, 0.5 High Range
f3DB
= the closed loop 3dB bandwidth
AVB
= B amplifier closed loop gain, = R6/R5
AVCS
= current sense amplifier gain, = 0.5 in high range,
and 2.0 in low range
fGBWA
= gain bandwidth product of the A amplifier
GmHR
= closed loop transconductance in high rangemode
GmLR
= closed loop transconductance in low range mode
L
= load inductance
RL
= load resistance
Definitions:
UDG-94040


Número de pieza similar - UC3173A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3173A TI1-UC3173A Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQP TI1-UC3173AQP Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQPTR TI1-UC3173AQPTR Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
More results

Descripción similar - UC3173A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com