Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2765ER Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXA2765ER
Descripción Electrónicos  5-channel 3-LD Driver for Optical Disk Drive
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2765ER Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2765ER Datasheet HTML 4Page - Sony Corporation CXA2765ER Datasheet HTML 5Page - Sony Corporation CXA2765ER Datasheet HTML 6Page - Sony Corporation CXA2765ER Datasheet HTML 7Page - Sony Corporation CXA2765ER Datasheet HTML 8Page - Sony Corporation CXA2765ER Datasheet HTML 9Page - Sony Corporation CXA2765ER Datasheet HTML 10Page - Sony Corporation CXA2765ER Datasheet HTML 11Page - Sony Corporation CXA2765ER Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
CXA2765ER
- 8 -
Electrical Characteristics
(VCC = VCC_LDR = 5V, VCC_LDB = 8V, Ta = 25°C)
TEST
No.
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
<Current Consumption>
1
Current consumption 1
(LDOFF)
ICC1
1.2
2.1
3.0
mA
LDEN = Low or LDM = 00
2
Current consumption 2
(CD, DVD_STANDBY)
ICC2
5
12
19
mA
LDEN = High and LDM = 01 or 02
IINR, 2, 3, 4, 5 = 0
RDIS = OSCEN = OUTEN2, 3, 4, 5 =
Disable
3
Current consumption 3
(CD, DVD_Read)
ICC321
31
41
mA
RDIS, OSCEN = Enable
OUT1 or OUT2 = 40mA,
modulation amplitude = 20mAp-p
Current consumption excluding the
OUT1 and OUT2 pin current.
4
Current consumption 4
(CD, DVD_Write)
ICC426
38
50
mA
RDIS, OUTEN2, OUTEN3 = Enable
(IOUTR, IOUT2, IOUT3)
IOUTR = 40mA (Duty = 100%)
IOUT2 = 240mA (Duty = 25%)
IOUT3 = 120mA (Duty = 50%)
Current consumption excluding the
OUT1 and OUT2 pin current.
5
Current consumption 5
(BD_STANDBY)
ICC5
7
10
13
mA
LDEN = High and LDM = 03
IINR, 2, 3, 4, 5 = 0
RDIS = OSCEN = OUTEN2, 3, 4, 5 =
Disable
6
Current consumption 6
(BD_Read)
ICC614
20
26
mA
RDIS, OSCEN = Enable
OUTBD = 40mA,
modulation amplitude = 20mAp-p
Current consumption excluding the
OUTBD pin current.
7
Current consumption 7
(BD_Write)
ICC716
23
30
mA
RDIS, OUTEN2, OUTEN3 = Enable
(IOUTR, IOUT2, IOUT3)
IOUTR = 40mA (Duty = 100%)
IOUT2 = 60mA (Duty = 25%)
IOUT3 = 30mA (Duty = 50%)
Current consumption excluding the
OUTBD pin current.
40mA
120mA
240mA
40mA
30mA
60mA


Número de pieza similar - CXA2765ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2701GA SONY-CXA2701GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2716GA SONY-CXA2716GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2726GA SONY-CXA2726GA Datasheet
290Kb / 37P
   PDIC for DVD-RW and RAM
More results

Descripción similar - CXA2765ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN8737SB PANASONIC-AN8737SB Datasheet
67Kb / 8P
   3-channel driver IC for optical disk drive
logo
Sony Corporation
CXA2697ER SONY-CXA2697ER Datasheet
176Kb / 18P
   5-Channel 2-LD Driver for Optical Disc Drive
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
logo
Panasonic Semiconductor
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8814SB PANASONIC-AN8814SB Datasheet
51Kb / 5P
   4-channel driver IC for optical disk drive
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Sanyo Semicon Device
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com