Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3691AEN Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXA3691AEN
Descripción Electrónicos  High-speed Buffer Amplifier for CCD Image Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3691AEN Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3691AEN Datasheet HTML 3Page - Sony Corporation CXA3691AEN Datasheet HTML 4Page - Sony Corporation CXA3691AEN Datasheet HTML 5Page - Sony Corporation CXA3691AEN Datasheet HTML 6Page - Sony Corporation CXA3691AEN Datasheet HTML 7Page - Sony Corporation CXA3691AEN Datasheet HTML 8Page - Sony Corporation CXA3691AEN Datasheet HTML 9Page - Sony Corporation CXA3691AEN Datasheet HTML 10Page - Sony Corporation CXA3691AEN Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CXA3691AEN
- 7 -
Example of Representative Characteristics
IDRV pin setting resistance [k
Ω]
Current consumption vs. IDRV pin setting resistance
(Lower side) I/O voltage range vs.
IDRV pin setting resistance
IDRV pin setting resistance [k
Ω]
IDRV pin setting resistance [k
Ω]
(Upper side) I/O voltage range vs.
IDRV pin setting resistance
Sink current vs. ISF pin setting resistance
ISF pin setting resistance [k
Ω]
Supply voltage [V]
Current consumption vs. Supply voltage
1.0
2.0
1.8
1.6
1.2
1.4
1.2
2.0
1.4
1.8
1.6
–25
–50
0
25
50
75
100
11.0
10.0
12.0
13.0
14.0
15.0
16.0
Ta = 25˚C, RIDRV = 220k
Ω, VIN = VCC – 5V
VCC = 15V, RIDRV = 220k
Ω, VIN = VCC – 5V
Operating temperature [˚C]
Current consumption vs. Operating temperature
VCC – 0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
Ta = 25˚C
VCC = 15V
VCC = 13V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
VCC = 15V
VCC = 13V
Ta = 25˚C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
VCC = 13V
VCC = 15V
Ta = 25˚C, VIN = VCC – 5V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
Ta = 25˚C, RIDRV = 220k
Ω, VIN = VCC – 5V
VCC = 13V
VCC = 15V


Número de pieza similar - CXA3691AEN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
More results

Descripción similar - CXA3691AEN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com