Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59923IRZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL59923IRZ
Descripción Electrónicos  Triple Analog Video Delay Lines
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59923IRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59923IRZ Datasheet HTML 1Page - Intersil Corporation ISL59923IRZ Datasheet HTML 2Page - Intersil Corporation ISL59923IRZ Datasheet HTML 3Page - Intersil Corporation ISL59923IRZ Datasheet HTML 4Page - Intersil Corporation ISL59923IRZ Datasheet HTML 5Page - Intersil Corporation ISL59923IRZ Datasheet HTML 6Page - Intersil Corporation ISL59923IRZ Datasheet HTML 7Page - Intersil Corporation ISL59923IRZ Datasheet HTML 8Page - Intersil Corporation ISL59923IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6826.1
May 28, 2009
tR - tF
Transient Response Time
ISL59920, 20% to 80%, for any delay, 1V step
delay = 0ns
1.7
ns
ISL59921, 20% to 80%, for any delay, 1V step
delay = 0ns
1.6
ns
ISL59922, 20% to 80%, for any delay, 1V step
delay = 0ns
1.43
ns
ISL59923, 20% to 80%, for any delay, 1V step
delay = 0ns
1.7
ns
VOVER
Voltage Overshoot
For any delay, response to 1V step input
4
%
Glitch
Switching Glitch
Output settling time from last SCLK edge
100
ns
THD
Total Harmonic Distortion
1VP-P 10MHz sinewave, offset by +0.2V at
mid delay setting
-43
-38
dB
X
Crosstalk
Stimulate G, measure R/B at 1MHz,
ISL59920, ISL59921, ISL59923
-80
-63
dB
ISL59922
-78
-59
dB
VN
Output Noise
Bandwidth = 150MHz
2
mVRM
S
G_0
Gain Zero Delay
1.74
1.8
1.92
V/V
G_m
Gain Mid Delay
1.67
1.8
1.97
V/V
G_f
Gain Full Delay
1.6
1.8
2
V/V
DG_m0
Difference in Gain, 0 to Mid
-8
0.6
7.5
%
DG_f0
Difference in Gain, 0 to Full
-12
-1.8
10
%
DG_fm
Difference in Gain, Mid to Full
-10
-1.7
7.5
%
VIN
Input Voltage Range
ISL59920, Gain remains > 90% of nominal,
Gain = 2
-0.7
1.1
V
ISL59921, Gain remains > 90% of nominal,
Gain = 2
-0.7
1.04
V
ISL59922, Gain remains > 90% of nominal,
Gain = 2
-0.7
1.04
V
ISL59923, Gain remains > 90% of nominal,
Gain = 2
-0.7
1.15
V
IB
RIN, GIN, BIN Input Bias Current
ISL59920, ISL59921
3
6
8
µA
ISL59922, ISL59923
1.5
8
µA
VOS
Output Offset Voltage
Post offset calibration (Note 4), Delay = 0ns
and Delay = Full
-25
-4
+20
mV
ZOUT
Output Impedance
ISL59920, ISL59921, Enabled,
Chip enable = 5V
4.5
5.4
6.3
Ω
ISL59922, ISL59923, Enabled,
Chip enable = 5V
3.5
6.3
Ω
Disabled, Chip enable = 0V
8
M
Ω
+PSRR
Rejection of Positive Supply
-42
-29
dB
-PSRR
Rejection of Negative Supply
-58
-46
dB
IOUT
Output Drive Current
10
Ω load, 0.5V drive
43
53
70
mA
VIH
Logic High
Switch high threshold
1.6
V
VIL
Logic Low
Switch low threshold
0.8
V
Electrical Specifications
VSP = VSPO = +5V, VSM = VSMP = -5V, GAIN = 2, TA = +25°C, exposed die plate = -5V, x2 = 5V,
RLOAD = 150Ω on all video outputs, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP MAX
UNIT
ISL59920, ISL59921, ISL59922, ISL59923


Número de pieza similar - ISL59923IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59923IRZ INTERSIL-ISL59923IRZ Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59923IRZ INTERSIL-ISL59923IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59923IRZ RENESAS-ISL59923IRZ Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

Descripción similar - ISL59923IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com