Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK15C88-NF45ITR Datasheet(PDF) 10 Page - Cypress Semiconductor

No. de pieza STK15C88-NF45ITR
Descripción Electrónicos  256 Kbit (32K x 8) PowerStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF45ITR Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK15C88-NF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 9Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 10Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 11Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 12Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 13Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK15C88
Document Number: 001-50593 Rev. **
Page 10 of 15
AutoStore or Power Up RECALL
Parameter
Alt
Description
STK15C88
Unit
Min
Max
tHRECALL
[10]
tRESTORE
Power up RECALL Duration
550
μs
tSTORE
[6]
tHLHZ
STORE Cycle Duration
10
ms
VRESET
Low Voltage Reset Level
3.6
V
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
Switching Waveforms
Figure 9. AutoStore/Power Up RECALL
Notes
10. tHRECALL starts from the time VCC rises above VSWITCH.
[+] Feedback


Número de pieza similar - STK15C88-NF45ITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK15C88-NF45ITR SIMTEK-STK15C88-NF45ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45ITR CYPRESS-STK15C88-NF45ITR Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results

Descripción similar - STK15C88-NF45ITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com