Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK22C48-SF45ITR Datasheet(PDF) 3 Page - Cypress Semiconductor

No. de pieza STK22C48-SF45ITR
Descripción Electrónicos  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-SF45ITR Datasheet(HTML) 3 Page - Cypress Semiconductor

  STK22C48-SF45ITR Datasheet HTML 1Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 2Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 3Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 4Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 5Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 3 of 14
Device Operation
The STK22C48 nvSRAM is made up of two functional compo-
nents paired in the same physical cell. These are an SRAM
memory cell and a nonvolatile QuantumTrap cell. The SRAM
memory cell operates as a standard fast static RAM. Data in the
SRAM is transferred to the nonvolatile cell (the STORE
operation) or from the nonvolatile cell to SRAM (the RECALL
operation). This unique architecture enables the storage and
recall of all cells in parallel. During the STORE and RECALL
operations, SRAM Read and Write operations are inhibited. The
STK22C48 supports unlimited reads and writes similar to a
typical SRAM. In addition, it provides unlimited RECALL opera-
tions from the nonvolatile cells and up to one million STORE
operations.
SRAM Read
The STK22C48 performs a Read cycle whenever CE and OE are
LOW while WE and HSB are HIGH. The address specified on
pins A0–10 determines the 2,048 data bytes accessed. When the
Read is initiated by an address transition, the outputs are valid
after a delay of tAA (Read cycle 1). If the Read is initiated by CE
or OE, the outputs are valid at tACE or at tDOE, whichever is later
(Read cycle 2). The data outputs repeatedly respond to address
changes within the tAA access time without the need for transi-
tions on any control input pins, and remains valid until another
address change or until CE or OE is brought HIGH, or WE or
HSB is brought LOW.
SRAM Write
A Write cycle is performed whenever CE and WE are LOW and
HSB is HIGH. The address inputs must be stable prior to entering
the Write cycle and must remain stable until either CE or WE
goes HIGH at the end of the cycle. The data on the common IO
pins DQ0–7 are written into the memory if it has valid tSD, before
the end of a WE controlled Write or before the end of an CE
controlled Write. Keep OE HIGH during the entire Write cycle to
avoid data bus contention on common IO lines. If OE is left LOW,
internal circuitry turns off the output buffers tHZWE after WE goes
LOW.
AutoStore Operation
During normal operation, the device draws current from VCC to
charge a capacitor connected to the VCAP pin. This stored
charge is used by the chip to perform a single STORE operation.
If the voltage on the VCC pin drops below VSWITCH, the part
automatically disconnects the VCAP pin from VCC. A STORE
operation is initiated with power provided by the VCAP capacitor.
Figure 2 shows the proper connection of the storage capacitor
(VCAP) for automatic store operation. A charge storage capacitor
between 68 µF and 220 µF (+20%) rated at 6V should be
In system power mode, both VCC and VCAP are connected to the
+5V power supply without the 68
μF capacitor. In this mode, the
AutoStore function of the STK22C48 operates on the stored
system charge as power goes down. The user must, however,
guarantee that VCC does not drop below 3.6V during the 10 ms
STORE cycle.
To prevent unneeded STORE operations, automatic STOREs
and those initiated by externally driving HSB LOW are ignored,
unless at least one WRITE operation takes place since the most
recent STORE or RECALL cycle. An optional pull up resistor is
shown connected to HSB. This is used to signal the system that
the AutoStore cycle is in progress.
AutoStore Inhibit mode
If an automatic STORE on power loss is not required, then VCC
is tied to ground and +5V is applied to VCAP (Figure 3). This is
the AutoStore Inhibit mode, where the AutoStore function is
disabled. If the STK22C48 is operated in this configuration, refer-
ences to VCC are changed to VCAP throughout this data sheet.
In this mode, STORE operations are triggered with the HSB pin.
It is not permissible to change between these three options “on
the fly”.
Figure 2. AutoStore Mode
[+] Feedback


Número de pieza similar - STK22C48-SF45ITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

Descripción similar - STK22C48-SF45ITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com