Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1588 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza 2SD1588
Descripción Electrónicos  Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1588 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1588 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1588 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1588 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon Power Transistors
2SD1588
DESCRIPTION
・With TO-220Fa package
・Complement to type 2SB1097
・Low speed switching
APPLICATIONS
・For low frequency power
amplifier applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
emitter
Fig.1 simplified outline (TO-220Fa) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
100
V
VCEO
Collector-emitter voltage
Open base
60
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current (DC)
7
A
ICM
Collector current-Peak
15
A
IB
Base current
3.5
A
PC
Collector power dissipation
TC=25℃
30
W
PC
Collector power dissipation
Ta=25℃
2
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150


Número de pieza similar - 2SD1588

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SD1588 NEC-2SD1588 Datasheet
102Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
List of Unclassifed Man...
2SD1588 ETC1-2SD1588 Datasheet
29Kb / 1P
   Silicon NPN Transistors
logo
Savantic, Inc.
2SD1588 SAVANTIC-2SD1588 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1588 ISC-2SD1588 Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1588 SAVANTIC-2SD1588 Datasheet
209Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SD1588

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com