Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF393 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza BF393
Descripción Electrónicos  High Voltage Transistors(NPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF393 Datasheet(HTML) 3 Page - Motorola, Inc

  BF393 Datasheet HTML 1Page - Motorola, Inc BF393 Datasheet HTML 2Page - Motorola, Inc BF393 Datasheet HTML 3Page - Motorola, Inc BF393 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF392 BF393
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
200
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
50
30
20
TJ = +125°C
25
°C
–55
°C
VCE = 10 Vdc
100
Figure 2. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
0.2
100
50
20
1.0
Ccb
10
2.0
5.0
0.5
1.0
2.0
5.0
10
20
50
100
200
Ceb
Figure 3. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
100
70
50
30
20
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
1.0
IC, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
1.4
0
TJ = 25°C
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
VBE(sat) @ IC/IB = 10
1.2
1.0
0.8
0.6
0.4
0.2
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
MPSA43
Figure 5. Maximum Forward Bias
Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
(PULSE CURVES @ TC = 25°C)
SECOND BREAKDOWN LIMIT
MPSA42
100
µs
1.0 ms
TC = 25°C
TA = 25°C
CURVES APPLY
BELOW RATED VCEO
500
0.5
1.0
2.0
5.0
10
20
50
100
200
100
50
20
10
5.0
2.0
1.0
0.5
200
500
10
µs
100 ms


Número de pieza similar - BF393

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BF393 MOTOROLA-BF393 Datasheet
88Kb / 4P
   High Voltage Transistor(NPN)
logo
ON Semiconductor
BF393 ONSEMI-BF393 Datasheet
88Kb / 4P
   High Voltage Transistor(NPN Silicon)
logo
Micro Electronics
BF393 MICRO-ELECTRONICS-BF393 Datasheet
139Kb / 2P
   NPN HIGH VOLTAGE VIDEO AMPLIFIERS
logo
TRANSYS Electronics Lim...
BF393 TEL-BF393 Datasheet
90Kb / 3P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
Continental Device Indi...
BF393 CDIL-BF393 Datasheet
72Kb / 4P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
More results

Descripción similar - BF393

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com