Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ULN2002A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ULN2002A
Descripción Electrónicos  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ULN2002A Datasheet(HTML) 6 Page - Texas Instruments

Back Button ULN2002A Datasheet HTML 2Page - Texas Instruments ULN2002A Datasheet HTML 3Page - Texas Instruments ULN2002A Datasheet HTML 4Page - Texas Instruments ULN2002A Datasheet HTML 5Page - Texas Instruments ULN2002A Datasheet HTML 6Page - Texas Instruments ULN2002A Datasheet HTML 7Page - Texas Instruments ULN2002A Datasheet HTML 8Page - Texas Instruments ULN2002A Datasheet HTML 9Page - Texas Instruments ULN2002A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
The ULN2001A is obsolete
and is no longer supplied.
ULN2001A, ULN2002A, ULN2003A, ULN2004A, ULQ2003A, ULQ2004A
HIGHVOLTAGE HIGHCURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS027G − DECEMBER 1976 − REVISED JUNE 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
TEST CONDITIONS
ULQ2003A
ULQ2004A
UNIT
PARAMETER
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IC = 125 mA
5
IC = 200 mA
2.7
6
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 250 mA
2.9
V
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 275 mA
7
V
IC = 300 mA
3
IC = 350 mA
8
Collector-emitter
II = 250 µA,
IC = 100 mA
0.9
1.2
0.9
1.1
VCE(sat)
Collector-emitter
saturation voltage
5
II = 350 µA,
IC = 200 mA
1
1.4
1
1.3
V
VCE(sat)
saturation voltage
5
II = 500 µA,
IC = 350 mA
1.2
1.7
1.2
1.6
V
1
VCE = 50 V,
II = 0
100
50
ICEX
Collector cutoff current
2
VCE = 50 V
II = 0
100
µA
ICEX
Collector cutoff current
2
VCE = 50 V
VI = 1 V
500
µA
VF
Clamp forward voltage
8
IF = 350 mA
1.7
2.3
1.7
2
V
II(off)
Off-state input current
3
VCE = 50 V,
IC = 500 A
65
50
65
A
II(off)
Off-state input current
3
VCE = 50 V,
IC = 500 µA
65
50
65
µA
VI = 3.85 V
0.93
1.35
II
Input current
4
VI = 5 V
0.35
0.5
mA
II
Input current
4
VI = 12 V
1
1.45
mA
IR
Clamp reverse current
7
VR = 50 V,
TA = 25°C
100
50
A
IR
Clamp reverse current
7
VR = 50 V
100
100
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
pF
switching characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
ULN2001A, ULN2002A,
ULN2003A, ULN2004A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
µs
VOH
High-level output voltage after switching
VS = 50 V,
See Figure 10
IO ≈ 300 mA,
VS−20
mV
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
ULQ2003A, ULQ2004A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
µs
VOH
High-level output voltage after switching
VS = 50 V,
See Figure 10
IO ≈ 300 mA,
VS−500
mV


Número de pieza similar - ULN2002A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ULN2002A STMICROELECTRONICS-ULN2002A Datasheet
62Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Texas Instruments
ULN2002A TI1-ULN2002A Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
logo
STMicroelectronics
ULN2002A STMICROELECTRONICS-ULN2002A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Diodes Incorporated
ULN2002A DIODES-ULN2002A Datasheet
519Kb / 13P
   HIGHU VLONL2T0A0G4EA, HIGH CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
ULN2002A STMICROELECTRONICS-ULN2002A Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
More results

Descripción similar - ULN2002A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com