Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF421 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza BF421
Descripción Electrónicos  High Voltage Transistors(PNP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF421 Datasheet(HTML) 3 Page - Motorola, Inc

  BF421 Datasheet HTML 1Page - Motorola, Inc BF421 Datasheet HTML 2Page - Motorola, Inc BF421 Datasheet HTML 3Page - Motorola, Inc BF421 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF421 BF423
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
150
–1.0
15
TJ = +125°C
+25
°C
–55
°C
VCE = –10 Vdc
20
30
50
70
100
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–80
–100
Figure 2. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
–0.1
100
50
20
1.0
Ccb
10
2.0
5.0
Cib
Figure 3. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–50
–20
–10
–5.0
–2.0
100
60
40
30
20
0
TJ = 25°C
VCE = –20 Vdc
–1.0
IC, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
–1.0
0
VCE(sat) @ IC/IB = 10 mA
VBE @ VCE = –10 V
–0.8
–0.6
–0.4
–0.2
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
BF423
Figure 5. Active Region — Safe Operating Area
BONDING WIRE LIMITATION
SECOND BREAKDOWN
LIMITATION
BF421
100
µs
1.0 ms
TJ = 150°C
1.5 WATT THERMAL
LIMITATION @ TC = 25°C
625 mW THERMAL
LIMITATION @ TA = 25°C
–500
–5.0
–10
–20
–50
–100
–200
–0.2 –0.5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200 –500 –1000
80
–100
–50
–20
–10
–5.0
–2.0
–1.0
–100
–3.0
–5.0
–10
–20 –30
–50
–100
–200 –300
1.0 s


Número de pieza similar - BF421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
Micro Commercial Compon...
BF421 MCC-BF421 Datasheet
224Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
logo
NXP Semiconductors
BF421 PHILIPS-BF421 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
logo
SHENZHEN YONGERJIA INDU...
BF421 WINNERJOIN-BF421 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
More results

Descripción similar - BF421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
   High-Voltage PNP Transistors
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92_18 Datasheet
146Kb / 2P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
   PNP high-voltage transistors
1999 Apr 15
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
   High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
   PNP High-Voltage Transistors
logo
NXP Semiconductors
BF870 PHILIPS-BF870 Datasheet
43Kb / 5P
   PNP high-voltage transistors
1996 Dec 09
BF821 NXP-BF821 Datasheet
105Kb / 6P
   PNP high-voltage transistors
2004 Jan 16
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com