Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC80C31-12MA Datasheet(PDF) 10 Page - TEMIC Semiconductors

No. de pieza TSC80C31-12MA
Descripción Electrónicos  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C31-12MA Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button TSC80C31-12MA Datasheet HTML 6Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 7Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 8Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 9Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 10Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 11Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 12Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 13Page - TEMIC Semiconductors TSC80C31-12MA Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
10
MATRA MHS
Absolute Maximum Ratings*
Ambient Temperature Under Bias :
A = Automotive
–40
°C to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to + 150°C
. . . . . . . . . . . . . . . . . . . . . . . .
Voltage on VCC to VSS
–0.5 V to + 7 V
. . . . . . . . . . . . . . . . . . . . . . . .
Voltage on Any Pin to VSS
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . .
Power Dissipation
1 W**
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
** This value is based on the maximum allowable die temperature and
the thermal resistance of the package
* Notice
Stresses above those listed under “ Absolute Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
DC Parameters
TA = –40
°C + 125°C ; VSS = 0 V ; VCC = 5 V ± 10 % ; F = 0 to 40 MHz
Symbol
Parameter
Min
Typ (3)
Max
Unit
Test Conditions
VIL
Input Low Voltage
– 0.5
0.2 Vcc – 0.1
V
VIH
Input High Voltage (Except XTAL and RST)
0.2 Vcc + 0.9
Vcc + 0.5
V
VIH1
Input High Voltage (for XTAL and RST)
0.7 Vcc
Vcc + 0.5
V
VOL
Output Low Voltage (Port 1, 2 and 3) (4)
0.3
0.45
1.0
V
V
V
IOL = 100
µA
IOL = 1.6 mA (2)
IOL = 3.5 mA
VOL1
Output Low Voltage (Port 0, ALE, PSEN) (4)
0.3
0.45
1.0
V
V
V
IOL = 200
µA
IOL = 3.2 mA (2)
IOL = 7.0 mA
VOH
Output High Voltage Port 1, 2 and 3
Vcc – 0.3
V
IOH = – 10
µA
Vcc – 0.7
V
IOH = – 30
µA
Vcc – 1.5
V
IOH = – 60
µA
VCC = 5 V
± 10 %
VOH1
Output High Voltage (Port 0, ALE, PSEN)
Vcc – 0.3
V
IOH = – 200
µA
Vcc – 0.7
V
IOH = – 3.2 mA
Vcc – 1.5
V
IOH = – 7.0 mA
VCC = 5 V
± 10 %
IIL
Logical 0 Input Current (Ports 1, 2 and 3)
– 75
µA Vin = 0.45 V
ILI
Input leakage Current
±10
µA 0.45 < Vin < Vcc
ITL
Logical 1 to 0 Transition Current (Ports 1, 2 and 3)
– 750
µA Vin = 2.0 V
IPD
Power Down Current
5
75
µA Vcc = 2.0 V to 5.5 V (1)
RRST
RST Pulldown Resistor
50
90
200
K
W
CIO
Capacitance of I/O Buffer
10
pF
fc = 1 MHz, Ta = 25
_C
ICC
Power Supply Current
Freq = 1 MHz
Icc op
Icc idle
Freq = 6 MHz
Icc op
Icc idle
Freq
≥ 12 MHz Icc op max = 0.9 Freq (MHz) + 5
0.7
0.5
4.2
1.4
1.8
1
9
3.5
mA
mA
mA
mA
mA
Vcc = 5.5 V
Freq
≥ 12 MHz Icc op max = 0.9 Freq (MHz) + 5
Icc idle max = 0.3 Freq (MHz) + 1.7
Freq
≤ 20 MHz Icc op typ = 0.7 Freq (MHz)
Freq
≥ 20 MHz Icc op typ = 0.5 Freq (MHz) + 4
Freq
≤ 20 MHz Icc idle typ = 0.16 Freq (MHz) + 0.4
Freq
≥ 20 MHz Icc idle typ = 0.12 Freq (MHz) + 1.2
mA
mA
mA
mA
mA
mA


Número de pieza similar - TSC80C31-12MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

Descripción similar - TSC80C31-12MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com