Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STE100N20 Datasheet(Hoja de datos) 1 Page - STMicroelectronics

No. de Pieza. STE100N20
Descripción  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

   
 1 page
background image
STE100N20
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR IN ISOTOP PACKAGE
s
HIGH CURRENT POWER MODULE
s
AVALANCHE RUGGED TECHNOLOGY
(SEE STH33N20FI FOR RATING)
s
VERY LARGE SOA - LARGE PEAK POWER
CAPABILITY
s
EASY TO MOUNT
s
SAME CURRENT CAPABILITY FOR THE
TWO SOURCE TERMINALS
s
EXTREMELY LOW Rth JUNCTION TO CASE
s
VERY LOW DRAIN TO CASE CAPACITANCE
s
VERY LOW INTERNAL PARASITIC
INDUCTANCE (TYPICALLY < 5 nH)
s
ISOLATED PACKAGE UL RECOGNIZED
(FILE No E81743)
INDUSTRIAL APPLICATIONS:
s
SMPS & UPS
s
MOTOR CONTROL
s
WELDING EQUIPMENT
s
OUTPUT STAGE FOR PWM, ULTRASONIC
CIRCUITS
July 1993
TYPE
VDSS
R DS(on)
ID
STE100N20
200 V
< 0.021
100 A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-Source Volt age (VGS = 0)
200
V
VDG R
Drain-Gate Voltage (RGS =20 k
Ω)
200
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current (cont inuous) at T c =25
oC
100
A
ID
Drain Current (cont inuous) at T c =100
oC65
A
IDM(
•)
Drain Current (pulsed)
400
A
Ptot
Total Dissipation at Tc =25
oC
450
W
Derating Factor
3.6
W/
oC
Tstg
St orage Temperat ure
-55 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
VISO
I nsulat ion Withstand Voltage (AC-RMS)
2500
V
(
•) Pulse width limited by safe operating area
3
2
1
4
INTERNAL SCHEMATIC DIAGRAM
ISOTOP
1/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl