Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5172TBI-00GT3 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT5172TBI-00GT3
Descripción Electrónicos  256-Position SPI Compatible Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5172TBI-00GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5172TBI-00GT3 Datasheet HTML 2Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 3Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 4Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 5Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 6Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 7Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 8Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 9Page - ON Semiconductor CAT5172TBI-00GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT5172
http://onsemi.com
6
TYPICAL CHARACTERISTICS
VCC = 2.6 V
3.3 V
5.6 V
4.0 V
Figure 4. Differential Non−Linearity,
VCC = 5.6 V
Figure 5. Integral Non−Linearity,
VCC = 5.6 V
TAP
TAP
256
224
160
128
96
64
32
0
−0.05
−0.04
−0.03
−0.02
−0.01
0.01
0.02
0.03
224
192
160
128
96
64
32
0
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
Figure 6. Wiper Resistance at Room
Temperature
Figure 7. Wiper Voltage
TAP
TAP
250
200
150
100
50
0
0
20
40
60
80
100
120
260
208
156
104
52
0
0
1
2
3
4
5
6
Figure 8. Change in End−to−End Resistance
Figure 9. End−to−End Resistance vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
70
40
10
−20
−50
−0.2
0
0.2
0.4
100
70
40
10
−20
−50
101.75
101.80
101.85
101.90
101.95
102.00
102.05
102.15
0
192
DNL
INL
256
VCC = 2.6 V
3.3 V
5.6 V
4.0 V
5.0 V
102.10


Número de pieza similar - CAT5172TBI-00GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5172TBI-00GT3 ONSEMI-CAT5172TBI-00GT3 Datasheet
222Kb / 10P
   256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
More results

Descripción similar - CAT5172TBI-00GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com