Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM3478MMX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. LM3478MMX
Descripción  High Efficiency Low-Side N-Channel Controller for Switching Regulator
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

LM3478MMX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Typical Performance Characteristics Unless otherwise specified, V
IN = 12V, TJ = 25°C.
I
Q vs Input Voltage (Shutdown)
10135503
I
Supply vs Input Voltage (Non-Switching)
10135534
I
Supply vs VIN (Switching)
10135535
Switching Frequency vs R
FA
10135504
Frequency vs Temperature
10135554
Drive Voltage vs Input Voltage
10135505
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn