Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2541SQ2690E Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMX2541SQ2690E
Descripción Electrónicos  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541SQ2690E Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX2541SQ2690E Datasheet HTML 2Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 3Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 4Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 5Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 6Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 7Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 8Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 9Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Electrical Characteristics (3.15 V V
CC 3.45 V, -40°C TA 85 °C; except as specified. Typical values are
at Vcc = 3.3 V, 25 C.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Consumption
I
CC
Entire ChipPower Supply
Current with all blocks enabled
Default Power
Mode
(Note 5)
VCO_DIV>1
170
204
mA
VCO_DIV=1
130
156
I
PLL
Current for External VCO Mode
(Note 6)
RFoutEN = LOW
72
85
mA
I
DIV
Current for Divider Only Mode
VCO_DIV >1
Default Power Mode
84
102
mA
I
CCPD
Power Down Current
CE = 0 V, Device Initialized
100
250
µA
Oscillator (Normal Mode Operation with XO=0)
I
IHOSC
in
Oscillator Input High Current for
OSCin and OSCin*
V
IH = 2.75 V
300
µA
I
ILOSCin
Oscillator Input Low Current for
OSCin and OSCin* pins
V
IL = 0
-100
µA
f
OSCin
Frequency Range
Limited to ½ · f
PD when the Oscillator doubler is enabled.
5
900
MHz
dv
OSCin
Slew Rate
Single-Ended Mode
150
V/µs
v
OSCin
Oscillator Sensitivity
Single-Ended
0.2
2.0
Vpp
Differential
0.4
3.1
Oscillator (Crystal Mode with XO=1)
f
XTAL
Crystal Frequency Range
V
IH = 2.75 V
5
20
MHz
ESR
XTAL
Crystal Equivalent Series
Resistance
This a requirement for the crystal,
not a characteristic of the LMX2541.
100
Ω
P
XTAL
Power Dissipation in Crystal
This requirement is for the crystal,
not a characteristic of the LMX2541.
TBD
µW
C
OSCin
Input Capacitance of OSCin
6
pF
PLL
f
PD
Phase Detector Frequency
104
MHz
I
CPout
Charge Pump
Output Current Magnitude
CPG = 1X
100
µA
CPG = 2X
200
CPG = 3X
300
...
...
CPG=32X
3200
I
CPoutTRI
CP TRI-STATE Current
0.4 V < V
CPout < Vcc - 0.4
1
5
nA
I
CPoutMM
Charge Pump
Sink vs. Source Mismatch
V
CPout = Vcc / 2
T
A = 25°C
3
10
%
I
CPoutV
Charge Pump
Current vs. CP Voltage
Variation
0.4 V < V
CPout < Vcc - 0.4
T
A = 25°C
4
%
I
CPoutT
CP Current vs. Temperature
Variation
V
CPout = Vcc / 2
8
%
LN(f)
(Note 7)
Normalized PLL 1/f Noise
LN
PLL_flicker(10 kHz)
CPG = 1X
-116
dBc/Hz
CPG = 32X
-124.5
Normalized PLL Noise Floor
LN
PLL_flat(1 Hz)
CPG = 1X
-220.8
dBc/Hz
CPG = 32X
-225.4
f
ExtVCOin
PLL Input Frequency
RFout Buffer Enabled and VCO_DIV > 1
400
4000
MHz
RFout Buffer Disabled and VCO_DIV = 1
400
6000
p
ExtVCOin
PLL Input Sensitivity
f
ExtVCOin 4 GHz
-15
3
dBm
f
ExtVCOin > 4 GHz
-5
3
www.national.com
6


Número de pieza similar - LMX2541SQ2690E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2541SQ2690E TI1-LMX2541SQ2690E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2690E TI-LMX2541SQ2690E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2690E TI1-LMX2541SQ2690E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ2690E/NOPB TI1-LMX2541SQ2690E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
More results

Descripción similar - LMX2541SQ2690E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com