Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KF5N50FR Datasheet(PDF) 4 Page - KEC(Korea Electronics)

No. de pieza KF5N50FR
Descripción Electrónicos  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF5N50FR Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF5N50FR Datasheet HTML 1Page - KEC(Korea Electronics) KF5N50FR Datasheet HTML 2Page - KEC(Korea Electronics) KF5N50FR Datasheet HTML 3Page - KEC(Korea Electronics) KF5N50FR Datasheet HTML 4Page - KEC(Korea Electronics) KF5N50FR Datasheet HTML 5Page - KEC(Korea Electronics) KF5N50FR Datasheet HTML 6Page - KEC(Korea Electronics) KF5N50FR Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2008. 10. 10
47
KF5N50PR/FR/PS/FS
Revision No : 0
Gate - Charge Qg (nC)
Drain - Source Voltage VDS (V)
0
12
10
6
2
4
8
14
16
6
2
10
8
12
4
0
Fig8. Qg- VGS
Fig9. Safe Operation Area
101
102
10
1
10-1
100
10
0
10
2
10
2
10
3
Drain - Source Voltage VDS (V)
Fig10. Safe Operation Area
0
3
1
2
6
5
4
75
150
125
50
100
025
(KF5N50PR, KF5N50PS)
ID=5A
C
Junction Temperature Tj ( )
Fig11. ID - Tj
VDS = 100V
Tc= 25
Tj = 150
Single pulse
C
C
Fig 7. C - VDS
Drain - Source Voltage VDS (V)
1
10
100
1000
05
15
25
35
10
20
30
40
Crss
Coss
Ciss
DC
10ms
1ms
100
µs
Operation in this
area is limited by RDS(ON)
101
102
10
1
10-1
100
10
0
10
2
10
2
10
3
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
Operation in this
area is limited by RDS(ON)
(KF5N50FR, KF5N50FS)
100
µs
VDS = 400V
VDS = 250V
100ms
100ms


Número de pieza similar - KF5N50FR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KF5N50F KEC-KF5N50F Datasheet
84Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50FSA KEC-KF5N50FSA Datasheet
720Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50FZ KEC-KF5N50FZ Datasheet
84Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50FZA KEC-KF5N50FZA Datasheet
720Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50FZA KEC-KF5N50FZA_15 Datasheet
720Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Descripción similar - KF5N50FR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com