Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KF13N60N Datasheet(PDF) 2 Page - KEC(Korea Electronics) |
|
KF13N60N Datasheet(HTML) 2 Page - KEC(Korea Electronics) |
2 / 6 page 2008. 10. 2 2/6 KF13N60N Revision No : 1 ELECTRICAL CHARACTERISTICS (Tc=25 ) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Static Drain-Source Breakdown Voltage BVDSS ID=250 A, VGS=0V 600 - - V Breakdown Voltage Temperature Coefficient BVDSS/ Tj ID=250 A, Referenced to 25 - 0.63 - V/ Drain Cut-off Current IDSS VDS=600V, VGS=0V, - - 10 A Gate Threshold Voltage Vth VDS=VGS, ID=250 A 2.0 - 4.0 V Gate Leakage Current IGSS VGS= 30V, VDS=0V - - 100 nA Drain-Source ON Resistance RDS(ON) VGS=10V, ID=6.5A - 0.47 0.56 Dynamic Total Gate Charge Qg VDS=480V, ID=13A VGS=10V (Note4,5) - 36 - nC Gate-Source Charge Qgs - 8.5 - Gate-Drain Charge Qgd - 13.5 - Turn-on Delay time td(on) VDD=300V, RG=25 , ID=13A (Note4,5) - 30 - ns Turn-on Rise time tr - 40 - Turn-off Delay time td(off) - 115 - Turn-off Fall time tf - 55 - Input Capacitance Ciss VDS=25V, VGS=0V, f=1.0MHz - 1445 - pF Output Capacitance Coss - 185 - Reverse Transfer Capacitance Crss - 20 - Source-Drain Diode Ratings Continuous Source Current IS VGS<Vth - - 13 A Pulsed Source Current ISP - - 52 Diode Forward Voltage VSD IS=13A, VGS=0V - 0.9 1.4 V Reverse Recovery Time trr IS=13A, VGS=0V, dIs/dt=100A/ s - 370 - ns Reverse Recovery Charge Qrr - 4.6 - C Note 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L = 9.3mH, IAS=13A, VDD=50V, RG = 25 , Starting Tj = 25 Note 3) IS 13A, dI/dt 200A/ , VDD BVDSS, Starting Tj = 25 . Note 4) Pulse Test : Pulse width 300 , Duty Cycle 2%. Note 5) Essentially independent of operating temperature. |
Número de pieza similar - KF13N60N |
|
Descripción similar - KF13N60N |