Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM75BIM-5+ Datasheet(PDF) 11 Page - Maxim Integrated Products

No. de pieza LM75BIM-5+
Descripción Electrónicos  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75BIM-5+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button LM75BIM-5+ Datasheet HTML 4Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 5Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 6Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 7Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 8Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 9Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 10Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 11Page - Maxim Integrated Products LM75BIM-5+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
______________________________________________________________________________________
11
3V to
5.5V
+VS
OS
A0
A1
A2
SCL
SDA
GND
or +V
TO
Microcontroller
SCL
SDA
OS
LM75
R1
10k
Ω
R2
10k
Ω
R3
10k
Ω
GND
Figure 7. I2C Controlled Temperature Sensor
3V to
5.5V
+Vs
OS
LM75
R2
10k
Ω
R3
10k
Ω
GND
12V
N
12V 300mA
FAN MOTOR
Figure 8. Fan Control
Figure 9. Temperature Sensor with Audible Alarm
3V to
5.5V
+Vs
MAX4364
R2
10k
Ω
R3
10k
Ω
R4
10k
Ω
R1
10k
Ω
GND
LM75
C1
0.1
μF
C2
0.1
μF
C4
6.8nF
C5
6.8nF
C3
6.8nF
R5
200k
Ω
SHDN
BIAS
IN+
IN-
OUT-
GND
VCC
OUT+


Número de pieza similar - LM75BIM-5+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
LM75BIM-5++ MAXIM-LM75BIM-5+ Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results

Descripción similar - LM75BIM-5+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com