Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M-FIAM9MF3 Datasheet(PDF) 6 Page - Vicor Corporation

No. de pieza M-FIAM9MF3
Descripción Electrónicos  Military COTS 28 Vin Filter Input Attenuator Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM9MF3 Datasheet(HTML) 6 Page - Vicor Corporation

  M-FIAM9MF3 Datasheet HTML 1Page - Vicor Corporation M-FIAM9MF3 Datasheet HTML 2Page - Vicor Corporation M-FIAM9MF3 Datasheet HTML 3Page - Vicor Corporation M-FIAM9MF3 Datasheet HTML 4Page - Vicor Corporation M-FIAM9MF3 Datasheet HTML 5Page - Vicor Corporation M-FIAM9MF3 Datasheet HTML 6Page - Vicor Corporation M-FIAM9MF3 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM9
Rev. 2.1
Page 6 of 7
Set your site on VICOR at vicorpower.com
INCHES
MM
20,6
0.81
39,1
1.54
26,4
1.04
7,8
0.31
Input Connector
MVA – FIAM9
Output Connector
119,4
4.7
Figure 8 — MVA-FIAM9 Pakaging Option
Output Connector
Pin #
Function
Pin #
Function
1
+Vout
10
+Vout
2
+Vout
11
+Vout
3
+Vout
12
+Vout
4
N/C
13
NC
5
N/C
14
NC
6
N/C
15
On / Off
7–Vout16
–Vout
8–Vout17
–Vout
9–Vout18
–Vout
Output Mounting
Vicor P/N
Connector
Housing
25050
Pin
24796
Kit
25067
Input Connector
Pin #
Function
1 – 4
–Vin
5 – 7
+Vin
8NC
9
PE protective earth
10
PE protective earth
11 – 13
–Vin
14 – 17
+Vin
18
NC
19
PE protective earth
20
PE protective earth
Input Mounting
Vicor P/N
Connector
Housing
24795
Pin
24796
Kit
24828
1
10
9
18
1
11
10
20
Note: The MVA-FIAM9H and MVA-FIAM9M are delivered with the On / Off control already configured as On using a 0 Ohm resistor on the
underside of the output connector board. The MVA-FIAM9H-C and MVA-FIAM9M-C are delivered without the 0 Ohm resistor installed,
allowing for user control of the On / Off functionality.


Número de pieza similar - M-FIAM9MF3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI11 POWERBOX-M-FIAM3BI11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI12 POWERBOX-M-FIAM3BI12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI13 POWERBOX-M-FIAM3BI13 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

Descripción similar - M-FIAM9MF3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com