Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUL146 Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza BUL146
Descripción Electrónicos  POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUL146 Datasheet(HTML) 4 Page - Motorola, Inc

  BUL146 Datasheet HTML 1Page - Motorola, Inc BUL146 Datasheet HTML 2Page - Motorola, Inc BUL146 Datasheet HTML 3Page - Motorola, Inc BUL146 Datasheet HTML 4Page - Motorola, Inc BUL146 Datasheet HTML 5Page - Motorola, Inc BUL146 Datasheet HTML 6Page - Motorola, Inc BUL146 Datasheet HTML 7Page - Motorola, Inc BUL146 Datasheet HTML 8Page - Motorola, Inc BUL146 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BUL146 BUL146F
4
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
Figure 7. Resistive Switching, ton
IC COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
0
1000
IC, COLLECTOR CURRENT (AMPS)
Figure 8. Resistive Switching, toff
Figure 9. Inductive Storage Time, tsi
Figure 10. Inductive Storage Time, tsi(hFE)
Figure 11. Inductive Switching, tc and tfi
IC/IB = 5
Figure 12. Inductive Switching, tc and tfi
IC/IB = 10
800
0
4
8
4000
2000
0
2500
0
3
hFE, FORCED GAIN
4
250
50
0
0
IC, COLLECTOR CURRENT (AMPS)
4
7
8
200
150
50
1500
0
6
7
250
100
2
2
5
8
TJ = 25°C
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
IC/IB = 5
IC = 3 A
IC = 1.3 A
200
150
100
6
600
400
200
IC/IB = 5
IC/IB = 10
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
IC/IB = 10
0
4
8
2
6
500
1000
1500
2500
3000
3500
1
3
4
6
7
500
1000
2000
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
5
4000
2000
0
500
1000
1500
2500
3000
3500
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
1
2
3
5
6
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
tc
tfi
0
4
7
8
1
2
3
5
6
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
tc
tfi
TJ = 25°C
TJ = 125°C
IC/IB = 10
IC/IB = 5
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)


Número de pieza similar - BUL146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL146FG ONSEMI-BUL146FG Datasheet
229Kb / 11P
   SWITCHMODE NPN Bipolar Power Transistor
April, 2010 ??Rev. 9
BUL146G ONSEMI-BUL146G Datasheet
229Kb / 11P
   SWITCHMODE NPN Bipolar Power Transistor
April, 2010 ??Rev. 9
More results

Descripción similar - BUL146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com