Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUL44D2 Datasheet(PDF) 8 Page - Motorola, Inc

No. de pieza BUL44D2
Descripción Electrónicos  POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUL44D2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button BUL44D2 Datasheet HTML 4Page - Motorola, Inc BUL44D2 Datasheet HTML 5Page - Motorola, Inc BUL44D2 Datasheet HTML 6Page - Motorola, Inc BUL44D2 Datasheet HTML 7Page - Motorola, Inc BUL44D2 Datasheet HTML 8Page - Motorola, Inc BUL44D2 Datasheet HTML 9Page - Motorola, Inc BUL44D2 Datasheet HTML 10Page - Motorola, Inc BUL44D2 Datasheet HTML 11Page - Motorola, Inc BUL44D2 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BUL44D2
8
Motorola Bipolar Power Transistor Device Data
TYPICAL SWITCHING CHARACTERISTICS
Figure 21. Dynamic Saturation
Voltage Measurements
TIME
Figure 22. Inductive Switching Measurements
10
4
0
8
2
0
TIME
6
8
6
2
Figure 22 bis. tfr Measurements
0
10
6
0
VF
IF
4
2
8
9
7
5
3
1
1
3
5
7
VCE
0 V
IB
90% IB
1
µs
3
µs
dyn 1
µs
dyn 3
µs
IB
IC
Vclamp
tsi
tc
tfi
90% IC
10% IC
90% IB1
4
10% Vclamp
VFR (1.1 VF unless
otherwise specified)
VFRM
tfr
VF
0.1 VF
10% IF
Table 1. Inductive Load Switching Drive Circuit
V(BR)CEO(sus)
L = 10 mH
RB2 = ∞
VCC = 20 Volts
IC(pk) = 100 mA
Inductive Switching
L = 200
µH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
RBSOA
L = 500
µH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
+15 V
1
µF
150
3 W
100
3 W
MPF930
+10 V
50
COMMON
–Voff
500
µF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150
3 W
100
µF
Iout
A
RB1
RB2
1
µF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2


Número de pieza similar - BUL44D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
More results

Descripción similar - BUL44D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUD44D2 MOTOROLA-BUD44D2 Datasheet
538Kb / 10P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com