Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CDB4353 Datasheet(Hoja de datos) 10 Page - Cirrus Logic

No. de Pieza. CDB4353
Descripción  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo 

 10 page
background image
10
DS803F1
CS4353
DIGITAL INTERFACE CHARACTERISTICS
Test conditions (unless otherwise specified): AGND = DGND = CPGND = 0 V; all voltages with respect to ground.
INTERNAL POWER-ON RESET THRESHOLD VOLTAGES
Test conditions (unless otherwise specified): AGND = DGND = CPGND = 0 V; all voltages with respect to ground.
Figure 2. Power-on Reset Threshold Sequence
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
1.2 V < VL
≤ 3.3 V
0.9 V
≤ VL ≤ 1.2 V
VIH
VIH
0.7xVL
0.9xVL
-
-
-
-
V
V
Low-Level Input Voltage
1.2 V < VL
≤ 3.3 V
0.9 V
≤ VL ≤ 1.2 V
VIL
VIL
-
-
-
-
0.3xVL
0.1xVL
V
V
Input Leakage Current
Iin
--
±10
μA
Input Capacitance
-
8
-
pF
Parameters
Symbol
Min
Typ
Max
Units
Internal Reset Asserted at Power-On
Von1
-1.00
-
V
Internal Reset Released at Power-On
Von2
-2.36
-
V
Internal Reset Asserted at Power-Off
Voff
-2.22
-
V
VCP
Von2
Von1
Voff
DGND
HI
LO
No Power
reset
undefined
reset
active
DAC
Ready
reset
active
reset
(internal)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl