Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMS3102 Datasheet(PDF) 3 Page - Advanced Monolithic Systems |
|
AMS3102 Datasheet(HTML) 3 Page - Advanced Monolithic Systems |
3 / 8 page AMS3102 ELECTRICAL CHARACTERISTICS Electrical Characteristics at VIN =6V, VOUT =3V IO =10mA, TJ=25°C, R1 =27k, C2 = 2µF unless otherwise specified. PARAMETER CONDITIONS (Note 2) Min. AMS3102C Typ. Max. Units Adjustable Version Reference Voltage 1.210 1.235 1.26 V IO ≤ 100 mA, -40°C ≤T J ≤ 125°C, R1=27k, Measured from VOUT to Adjust Pin 1.20 1.235 1.270 V Output Voltage Range 2 20 V Line Regulation VOUT + 1V ≤V IN ≤ 21V .02 1.5 mV/V Load Regulation 5mA ≤I O ≤ 100 mA 5mA ≤I O ≤ 200 mA 0.3 1 1 2 % % Dropout Voltage I O ≤ 10 mA I O = 100 mA I O = 200 mA (Note 5) 0.05 0.3 0.5 0.2 0.4 0.6 V V V Quiescent Current I O = 10 mA I O = 100 mA During Shutdown RL = 500Ω 0.3 3 0.3 0.5 4 0.5 mA mA mA Output Noise Voltage 10Hz-100kHz 100 µV rms/V Output Impedance 100mADC and 10mArms,100Hz=10kHz 40 200 m Ω Long Term Stability T =1000hr 0.4 %/1000hr Ripple Rejection fO = 120Hz 0.02 dB Maximum Operational Input Voltage 21 22 V Maximum Line Transient IO = 10mA, Reference Voltage ≤ 1.5V T = 1ms, τ ≤100ms 35 40 V Reverse Polarity Input Voltage, D/C RL = 500Ω, VO ≥ -0.3V -35 -40 V Reverse Polarity Input Voltage, Transient RL = 500Ω, T = 1ms, τ ≤100ms -35 -40 V On/Off Threshold Voltage On Off VO = 3V 2.5 1.8 2.0 1.5 V V On/Off Threshold Current VOFF = 2.4V 35 60 µA Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics tables. Note 2: To ensure constant junction temperature, low duty cycle pulse testing is used. Note 3: Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ = 25°C. Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the junction-to ambient thermal resistance θJ-A and the ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is calculated using: A - J A J T - (MAX) T P(MAX) θ = Where the value of the junction-to-ambient thermal resistance are as follows: 195 °C/W for the TO-92 (N) package, 110°C/W for SOT-89 (L), 220°C/W for 5 lead SOT-23 (M1) and 160 °C/W for the molded plastic SO-8 (S). Note 5: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential. Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 |
Número de pieza similar - AMS3102 |
|
Descripción similar - AMS3102 |