Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM40-0023 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AM40-0023
Descripción Electrónicos  Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM40-0023 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM40-0023 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM40-0023 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Ultra Low Noise pHEMT Dual
Channel Amplifier, 1.710-1.910 GHz
Rev. V3
AM40-0023
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ordering Information
Part Number
Package
AM40-0023 PIN
CR-5
1.
Operation of this device above any one of these
parameters may cause permanent damage.
2. Ambient Temperature (TA) = +25°C
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max. Input Power
2
+15 dBm
Operating Voltage
2
+10.0 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
10
12
14
16
18
1700
1750
1800
1850
1900
1950
2000
F re que nc y ( M H z)
Gain vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1700
1750
1800
1850
1900
1950
2000
F re que nc y ( M H z)
Noise Figure vs. Frequency
Input & Output Return Loss
-20
-15
-10
-5
0
1700
1750
1800
1850
1900
1950
2000
F re que nc y ( M H z)
RF IN
RF OU T
Functional Schematic (Top View)
GND
1
2
3
4
5
6
7
8
9
10
RF OUTB
VDDB
N/C
RF INB
GND
RF INA
N/C
VDDA
RF OUTA


Número de pieza similar - AM40-0023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023PIN MACOM-AM40-0023PIN Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023_1 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
More results

Descripción similar - AM40-0023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023_1 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Hittite Microwave Corpo...
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
   GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Filtronic Compound Semi...
LP7512 FILTRONIC-LP7512 Datasheet
36Kb / 2P
   ULTRA LOW NOISE PHEMT
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
   SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com