Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM42-0041 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AM42-0041
Descripción Electrónicos  GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0041 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM42-0041 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0041 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0041 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0041 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs MMIC VSAT Power Amplifier, 0.5 W
14.0 - 14.5 GHz
Rev. V4
AM42-0041
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Input and Output Return Loss vs. Frequency
Output Power vs. Input Power @ 14.25 GHz
PAE vs. Input Power @ 14.25 GHz
Typical Performance Curves @ +25°C
Output Power vs. Frequency @ PIN = +3 dBm
PAE vs. Frequency @ PIN = +3 dBm
Linear Gain vs. Frequency
15
17
19
21
23
25
27
29
31
33
35
12.0 12.4 12.8 13.2 13.6 14.0 14.4 14.8 15.2 15.6 16.0
Frequency (GHz)
0
5
10
15
20
25
12.0 12.4 12.8 13.2 13.6 14.0 14.4 14.8 15.2 15.6 16.0
Frequency (GHz)
-30
-20
-10
0
10
20
30
40
10
11
12
13
14
15
16
17
18
Frequency (GHz)
15
20
25
30
35
-10
-8
-6
-4
-2
0246
8
10
PIN (dBm)
0
5
10
15
20
25
-10
-8-6-4-2
0
2
4
6
8
10
PIN (dBm)
-30
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
16
17
18
S11
S22
Frequency (GHz)


Número de pieza similar - AM42-0041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
More results

Descripción similar - AM42-0041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007_1 Datasheet
197Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
MAAPSS0111 MACOM-MAAPSS0111 Datasheet
145Kb / 6P
   1.25 W VSAT Power Amplifier 13.75-14.5 GHz
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
logo
M/A-COM Technology Solu...
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com