Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM42-0046 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AM42-0046
Descripción Electrónicos  4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0046 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM42-0046 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0046 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0046 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
4 Watt Extended C-Band VSAT Power Amplifier
5.9 - 7.1 GHz
Rev. V3
AM42-0046
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Linear Gain: 30 dB Typical
• High Saturated Output Power: +36 dBm Typical
• High Power Added Efficiency: 25% Typical
• 50 Ω Input / Output Broadband Matched
• Integrated Output Power Detector
• Lead-Free Bolt Down Ceramic Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s AM42-0046 is a three stage MMIC
power amplifier in a lead-free, bolt down ceramic
package, allowing easy assembly. The AM42-0046
employs
a
fully
matched
chip
with
internally
decoupled gate and drain bias networks.
The
AM42-0046 is designed to operate from a constant
current drain supply or a constant voltage gate
supply. By varying the bias conditions, the saturated
output power performance of this device may be
tailored for various applications.
The AM42-0046 is ideally suited for use as an output
stage or a driver amplifier in VSAT systems. The
AM42-0046 includes internal supply line bypassing
in the package, minimizing the number of external
components required.
M/A-COM's AM42-0046 is fabricated using a mature
0.5 micron MBE based GaAs MESFET process. The
process features full passivation for increased
performance and reliability. This product is 100% RF
tested
to
ensure
compliance
to
performance
specifications.
Ordering Information
Part Number
Package
AM42-0046
Bulk Packaging
Pin Configuration
Pin No.
Pin Name
Description
1
VDD1,2
1st and 2nd Stage Drain Supply
2
GND
DC and RF Ground
3
RFIN
RF Input
4
VGG
Gate Supply
5
GND
DC and RF Ground
6
GND
DC and RF Ground
7
VDET
Output Power Detector
8
RFOUT
RF Output
9
VDD3
3rd Stage Drain Supply
10
VDD1,2
1st and 2nd Stage Drain Supply
Flange
GND
DC and RF Ground
Functional Schematic
V
DD1,2
RF
OUT
V
DET
V
GG
RF
IN
GND
V
DD1,2
GND
GND
V
DD3
V
DD1,2
RF
OUT
V
DET
V
GG
RF
IN
GND
V
DD1,2
GND
GND
V
DD3
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Número de pieza similar - AM42-0046

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
More results

Descripción similar - AM42-0046

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039_15 Datasheet
611Kb / 4P
   2 Watt C-Band VSAT Power Amplifier
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
logo
List of Unclassifed Man...
TAG-1035 ETC1-TAG-1035 Datasheet
492Kb / 2P
   5.8 to 6.4 GHz GaAs MMIC VSAT (C-BAND) Power Amplifier
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com