Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM55-0004 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AM55-0004
Descripción Electrónicos  250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM55-0004 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM55-0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. AM55-0004 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
250 mW Linear Power Amplifier and T/R Switch
1.8—2.0 GHz
Rev. V2
AM55-0004
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max. Input Power 2
+10 VDC
Operating Voltages 2
VDD = 7V
VGG = -5 V
VDD - VGG = 8V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. Ambient temperature (TA) = +25°C.
Functional Diagram and
Pin Configuration
Pin Configuration
Pin No.
Pin Name
Description
1
GND
RF and DC Ground
2
VSW
Complimentary T/R Switch Control,
-4 V Tx model/0 V Rx mode
3
GND
RF and DC Ground
4
Tx IN
Transmit side of T/R switch
5
GND
RD and DC Ground
6
GND
RF and DC Ground
7
ANT IN/OUT
Common port of T/R switch which
is connected to the antenna
8
GND
RF and DC Ground
9
Rx OUT
Receive side of T/R switch
10
GND
RF and DC Ground
11
GND
RF and DC Ground
12
VDD1
Positive bias for the first stage of
PA, +2.7 to +6.0 volts
13
SAVE Tx
Sleep mode control of fist stage of
PA ONLY
0 V –first PA stage on
-4 V—first PA stage off
14
GND
RF and DC Ground
15
GND
RF and DC Ground
16
PA IN
RF input of the Power Amplifier
17
GND
RF and DC Ground
18
VG1
Negative bias control for the first
PA stage, voltage divider is on the
MMIC, adjusted to set VDD1 quies-
cent bias current, which is typically
30 mA. Input impedance : 10 k Ω
19
GND
RF and DC Ground
20
VG2
Negative bias control for the
second PA stage, adjusted to set
VDD2 quiescent bias current, which
is typically 65 mA.
Input impedance : > 1 M Ω
21
GND
Second Stage RF and DC Ground
22
GND
Second Stage RF and DC Ground
23
GND
Second Stage RF and DC Ground
24
GND
Second Stage RF and DC Ground
25
PA OUT
RF output of the Power Amplifier
26
VDD2
Positive bias for the second stage
of the PA, +2.7 to +6.0 volts
27
VSW
T/R Switch Control, 0 V Tx model/ -
4 V Rx mode
28
GND
RF and DC Ground
Operating
Mode
VSW
VSW
PA Tx
X
X
PA Sleep
X
X
SAVE Tx
0 V
-4.0 Volts
T/R Switch
TX
0 Volts
-4.0 Volts
X
T/R Switch
Rx
-4.0 Volts
0 Volts
X
Truth Table
X = Don’t Care


Número de pieza similar - AM55-0004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

Descripción similar - AM55-0004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com