Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5292 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5292
Descripción Electrónicos  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5292 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5292 Datasheet HTML 7Page - Analog Devices AD5292 Datasheet HTML 8Page - Analog Devices AD5292 Datasheet HTML 9Page - Analog Devices AD5292 Datasheet HTML 10Page - Analog Devices AD5292 Datasheet HTML 11Page - Analog Devices AD5292 Datasheet HTML 12Page - Analog Devices AD5292 Datasheet HTML 13Page - Analog Devices AD5292 Datasheet HTML 14Page - Analog Devices AD5292 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 6. R-INL in R-Perf Mode vs. Code vs. Temperature (AD5292)
0.6
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 7. R-DNL in R-Perf Mode vs. Code vs. Temperature (AD5292)
0.30
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0
32
64
96
128
160
192
224
256
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 8. R-INL in R-Perf Mode vs. Code vs. Temperature (AD5291)
0.14
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
0
32
64
96
128
160
192
224
256
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 9. R-DNL in R-Perf Mode vs. Code vs. Temperature (AD5291)
1.0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 10. R-INL in Normal Mode vs. Code vs. Temperature (AD5292)
0.15
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 11. R-DNL in Normal Mode vs. Code vs. Temperature (AD5292)


Número de pieza similar - AD5292

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5292BRUZ-100-RL7 AD-AD5292BRUZ-100-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-100-RL7 AD-AD5292BRUZ-100-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
More results

Descripción similar - AD5292

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com