Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5291BRUZ-20-RL7 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD5291BRUZ-20-RL7
Descripción Electrónicos  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5291BRUZ-20-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5291BRUZ-20-RL7 Datasheet HTML 2Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 3Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 4Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 5Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 6Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 7Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 8Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 9Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 6 of 28
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS4, 10
Bandwidth
BW
−3 dB
520
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
−93
dB
VW Settling Time
tS
VA = 30 V, VB = 0 V, ±0.5 LSB error
band, initial code = zero scale
Code = full scale, normal mode
750
ns
Code = full scale, R-Perf mode
2.5
μs
Code = half scale, normal mode
2.5
μs
Code = half scale, R-Perf mode
5
μs
Resistor Noise Density
eN_WB
RWB = 10 kΩ, TA = 25°C, 0 kHz to
200 kHz
0.11
nV/√Hz
1 Typical values represent average readings at 25°C, VDD = 15 V, VSS = −15 V, and VLOGIC = 5 V.
2 Resistor position nonlinearity error. R-INL is the deviation from an ideal value measured between the RWB at Code 0x02 and the RWB at Code 0xFF or between RWA at
Code 0xFD and RWA at Code 0x00. R-DNL measures the relative step change from ideal between successive tap positions. The specification is guaranteed in resistor
performance mode, with a wiper current of 1 mA for VA < 12 V and 1.2 mA for VA ≥ 12 V.
3 Resistor performance mode (see the Resistor Performance Mode section). The terms resistor performance mode and R-Perf mode are used interchangeably.
4 Guaranteed by design and characterization, not subject to production test.
5 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
6 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground-
referenced bipolar signal adjustment.
7 Different from operating current; supply current for fuse program lasts approximately 550 μs.
8 Different from operating current; supply current for fuse read lasts approximately 550 μs.
9 PDISS is calculated from (IDD × VDD) + (ISS × VSS) + (ILOGIC × VLOGIC).
10 All dynamic characteristics use VDD = +15 V, VSS = −15 V, and VLOGIC = 5 V.
RESISTOR PERFORMANCE MODE CODE RANGE—AD5292
Table 4.
Resistor
Tolerance per
Code
|VDD − VSS| = 30 V to 33 V
|VDD − VSS| = 26 V to 30 V
|VDD − VSS| = 22 V to 26 V
|VDD − VSS| = 21 V to 22 V
RWB
RWA
RWB
RWA
RWB
RWA
RWB
RWA
1% R-Tolerance
From 0x15E
to 0x3FF
From 0x00
to 0x2A1
From 0x1F4
to 0x3FF
From 0x00
to 0x20B
From 0x1F4
to 0x3FF
From 0x00
to 0x20B
N/A
N/A
2% R-Tolerance
From 0x8C
to 0x3FF
From 0x00
to 0x373
From 0xB4
to 0x3FF
From 0x00
to 0x34B
From 0xFA
to 0x3FF
From 0x00
to 0x305
From 0xFA
to 0x3FF
From 0x00
to 0x305
3% R-Tolerance
From 0x5A
to 0x3FF
From 0x00
to 0x3A5
From 0x64
to 0x3FF
From 0x00
to 0x39B
From 0x78
to 0x3FF
From 0x00
to 0x387
From 0x78
to 0x3FF
From 0x00
to 0x387


Número de pieza similar - AD5291BRUZ-20-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5291BRUZ-20-RL7 AD-AD5291BRUZ-20-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-20-RL7 AD-AD5291BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

Descripción similar - AD5291BRUZ-20-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com