Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8363ACPZ-WP Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8363ACPZ-WP
Descripción Electrónicos  50 Hz to 6 GHz, 50 dB TruPwr??Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-WP Datasheet(HTML) 1 Page - Analog Devices

  AD8363ACPZ-WP Datasheet HTML 1Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 2Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 3Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
50 Hz to 6 GHz,
50 dB TruPwr™ Detector
AD8363
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Accurate rms-to-dc conversion from 50 Hz to 6 GHz
Single-ended input dynamic range of >50 dB
No balun or external input tuning required
Waveform and modulation independent, such as
GSM/CDMA/W-CDMA/TD-SCDMA/WiMAX/LTE
Linear-in-decibels output, scaled: 52 mV/dB
Log conformance error: <±0.15 dB
Temperature stability: <±0.5 dB
Voltage supply range: 4.5 V to 5.5 V
Operating temperature range: −40°C to +125°C
Power-down capability to 1.5 mW
Small footprint, 4 mm × 4 mm, LFCSP
APPLICATIONS
Power amplifier linearization/control loops
Transmitter power controls
Transmitter signal strength indication (TSSI)
RF instrumentation
FUNCTIONAL BLOCK DIAGRAM
TCM2/PWDN
X2
1
CHPF
2
VPOS
3
COMM
VREF
VTGT
VPOS
COMM
4
11
10
9
5
CLPF
6
VOUT
7
VSET
8
16
15
14
13
TEMP
TCM1
INLO
INHI
NC
AD8363
12
X2
Figure 1.
GENERAL DESCRIPTION
The AD8363 is a true rms responding power detector that can
be directly driven with a single-ended 50 Ω source. This feature
makes the AD8363 frequency versatile by eliminating the need
for a balun or any other form of external input tuning for operation
up to 6 GHz.
The AD8363 provides an accurate power measurement,
independent of waveform, for a variety of high frequency
communication and instrumentation systems. Requiring only
a single supply of 5 V and a few capacitors, it is easy to use and
provides high measurement accuracy. The AD8363 can operate
from arbitrarily low frequencies to 6 GHz and can accept inputs
that have rms values from less than −50 dBm to at least 0 dBm,
with large crest factors exceeding the requirements for accurate
measurement of WiMAX, CDMA, W-CDMA, TD-SCDMA,
multicarrier GSM, and LTE signals.
The AD8363 can determine the true power of a high frequency
signal having a complex low frequency modulation envelope, or
it can be used as a simple low frequency rms voltmeter. The high-
pass corner generated by its internal offset-nulling loop can be
lowered by a capacitor added on the CHPF pin.
Used as a power measurement device, VOUT is connected to
VSET. The output is then proportional to the logarithm of the
rms value of the input. The reading is presented directly in
decibels and is conveniently scaled to 52 mV/dB, or approximately
1 V per decade; however, other slopes are easily arranged. In
controller mode, the voltage applied to VSET determines the
power level required at the input to null the deviation from the
setpoint. The output buffer can provide high load currents.
The AD8363 has 1.5 mW power consumption when powered
down by a logic high applied to the TCM2/PWDN pin. It powers
up within about 30 μs to its nominal operating current of 60 mA at
25°C. The AD8363 is available in a 4 mm × 4 mm 16-lead LFCSP
for operation over the −40°C to +125°C temperature range.
A fully populated RoHS-compliant evaluation board is also
available.


Número de pieza similar - AD8363ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8363ACPZ-WP AD-AD8363ACPZ-WP Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363ACPZ-WP AD-AD8363ACPZ-WP Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
More results

Descripción similar - AD8363ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com