Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9572 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD9572
Descripción Electrónicos  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9572 Datasheet(HTML) 3 Page - Analog Devices

  AD9572 Datasheet HTML 1Page - Analog Devices AD9572 Datasheet HTML 2Page - Analog Devices AD9572 Datasheet HTML 3Page - Analog Devices AD9572 Datasheet HTML 4Page - Analog Devices AD9572 Datasheet HTML 5Page - Analog Devices AD9572 Datasheet HTML 6Page - Analog Devices AD9572 Datasheet HTML 7Page - Analog Devices AD9572 Datasheet HTML 8Page - Analog Devices AD9572 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD9572
Rev. 0 | Page 3 of 20
SPECIFICATIONS
PLL CHARACTERISTICS
Typical (typ) is given for VS = 3.3 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE NOISE CHARACTERISTICS
PLL Noise (106.25 MHz LVDS Output)
@ 1 kHz
−123
dBc/Hz
33.33 MHz output disabled
@ 10 kHz
−127
dBc/Hz
33.33 MHz output disabled
@ 100 kHz
−129
dBc/Hz
33.33 MHz output disabled
@ 1 MHz
−150
dBc/Hz
33.33 MHz output disabled
@ 10 MHz
−152
dBc/Hz
33.33 MHz output disabled
@ 30 MHz
−153
dBc/Hz
33.33 MHz output disabled
PLL Noise (156.25 MHz LVDS Output)
@ 1 kHz
−118
dBc/Hz
33.33 MHz output disabled
@ 10 kHz
−125
dBc/Hz
33.33 MHz output disabled
@ 100 kHz
−126
dBc/Hz
33.33 MHz output disabled
@ 1 MHz
−145
dBc/Hz
33.33 MHz output disabled
@ 10 MHz
−151
dBc/Hz
33.33 MHz output disabled
@ 30 MHz
−151
dBc/Hz
33.33 MHz output disabled
PLL Noise (125 MHz LVDS Output)
@ 1 kHz
−119
dBc/Hz
33.33 MHz output disabled
@ 10 kHz
−127
dBc/Hz
33.33 MHz output disabled
@ 100 kHz
−128
dBc/Hz
33.33 MHz output disabled
@ 1 MHz
−147
dBc/Hz
33.33 MHz output disabled
@ 10 MHz
−151
dBc/Hz
33.33 MHz output disabled
@ 30 MHz
−152
dBc/Hz
33.33 MHz output disabled
PLL Noise (100 MHz LVDS Output)
@ 1 kHz
−121
dBc/Hz
33.33 MHz output disabled
@ 10 kHz
−128
dBc/Hz
33.33 MHz output disabled
@ 100 kHz
−130
dBc/Hz
33.33 MHz output disabled
@ 1 MHz
−147
dBc/Hz
33.33 MHz output disabled
@ 10 MHz
−150
dBc/Hz
33.33 MHz output disabled
@ 30 MHz
−150
dBc/Hz
33.33 MHz output disabled
PLL Noise (106.25 MHz LVPECL Output)
@ 1 kHz
−121
dBc/Hz
33.33 MHz output disabled
@ 10 kHz
−128
dBc/Hz
33.33 MHz output disabled
@ 100 kHz
−129
dBc/Hz
33.33 MHz output disabled
@ 1 MHz
−151
dBc/Hz
33.33 MHz output disabled
@ 10 MHz
−154
dBc/Hz
33.33 MHz output disabled
@ 30 MHz
−155
dBc/Hz
33.33 MHz output disabled
PLL Noise (156.25 MHz LVPECL Output)
@ 1 kHz
−119
dBc/Hz
33.33 MHz output disabled
@ 10 kHz
−125
dBc/Hz
33.33 MHz output disabled
@ 100 kHz
−126
dBc/Hz
33.33 MHz output disabled
@ 1 MHz
−147
dBc/Hz
33.33 MHz output disabled
@ 10 MHz
−152
dBc/Hz
33.33 MHz output disabled
@ 30 MHz
−153
dBc/Hz
33.33 MHz output disabled


Número de pieza similar - AD9572

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
   Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9573-EVALZ AD-AD9573-EVALZ Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9573ARUZ AD-AD9573ARUZ Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9574 AD-AD9574 Datasheet
873Kb / 35P
   Ethernet/Gigabit Ethernet Clock Generator
More results

Descripción similar - AD9572

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510 Datasheet
597Kb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. A
AD9511 AD-AD9511 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9571 AD-AD9571 Datasheet
367Kb / 20P
   Ethernet Clock Generator, 10 Clock Outputs
REV. 0
logo
List of Unclassifed Man...
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
   DUAL PLL CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
   DUAL PLL CLOCK GENERATOR IC
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
   Dual PLL Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com