Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADIS16220 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADIS16220
Descripción Electrónicos  Programmable Digital Vibration Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADIS16220 Datasheet(HTML) 5 Page - Analog Devices

  ADIS16220 Datasheet HTML 1Page - Analog Devices ADIS16220 Datasheet HTML 2Page - Analog Devices ADIS16220 Datasheet HTML 3Page - Analog Devices ADIS16220 Datasheet HTML 4Page - Analog Devices ADIS16220 Datasheet HTML 5Page - Analog Devices ADIS16220 Datasheet HTML 6Page - Analog Devices ADIS16220 Datasheet HTML 7Page - Analog Devices ADIS16220 Datasheet HTML 8Page - Analog Devices ADIS16220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADIS16220
Rev. PrE | Page 5 of 16
TIMING SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max
Unit
fSCLK
SCLK frequency
0.01
2.25
MHz
tSTALL
Stall period between data, between 16th and 17th SCLK
15.4
μs
tCS
Chip select to SCLK edge
48.8
ns
tDAV
DOUT valid after SCLK edge
100
ns
tDSU
DIN setup time before SCLK rising edge
24.4
ns
tDHD
DIN hold time after SCLK rising edge
48.8
ns
tSCLKR, tSCLKF
SCLK rise/fall times
5
12.5
ns
tSR
SCLK high pulse width
12.5
ns
tSF
SCLK low pulse width
12.5
ns
tDF, tDR
DOUT rise/fall times
5
12.5
ns
tSFS
CS high after SCLK edge
5
ns
1 Guaranteed by design, not tested.
TIMING DIAGRAMS
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
W/R
A5
A6
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tSR
tSF
tDHD
tDSU
Figure 2. SPI Timing and Sequence
CS
SCLK
tSTALL
Figure 3. DIN Bit Sequence


Número de pieza similar - ADIS16220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16220 AD-ADIS16220 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
ADIS16220 AD-ADIS16220 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16220/PCBZ AD-ADIS16220/PCBZ Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
ADIS16220CCCZ AD-ADIS16220CCCZ Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
ADIS16220PCBZ AD-ADIS16220PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Descripción similar - ADIS16220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
logo
Knowles Electronics
V2S200D KNOWLES-V2S200D Datasheet
3Mb / 12P
   MULTIMODE DIGITAL VIBRATION SENSOR
Rev. 5
logo
Analog Devices
ADIS16228 AD-ADIS16228 Datasheet
747Kb / 28P
   Digital Triaxial Vibration Sensor
REV. B
logo
Pepperl+Fuchs Inc.
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
   Vibration sensor
2022-12-01
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
   Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
   Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
VIM82PL-S1V16-22E-I422V19 PF-VIM82PL-S1V16-22E-I422V19 Datasheet
1Mb / 4P
   Vibration sensor
2022-11-21
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
   Vibration sensor
2022-12-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com