Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5380ACPZ-WP Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADL5380ACPZ-WP
Descripción Electrónicos  400 MHz to 6 GHz Quadrature Demodulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-WP Datasheet(HTML) 2 Page - Analog Devices

  ADL5380ACPZ-WP Datasheet HTML 1Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 2Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 3Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 4Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 5Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 6Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADL5380
Rev. 0 | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 7
 
Low Band Operation.................................................................... 7
 
Midband Operation ................................................................... 11
 
High Band Operation ................................................................ 14
 
Distributions for fLO = 900 MHz............................................... 17
 
Distributions for fLO = 1900 MHz............................................. 18
 
Distributions for fLO = 2700 MHz............................................. 19
 
Distributions for fLO = 3600 MHz............................................. 20
 
Distributions for fLO = 5800 MHz............................................. 21
 
Circuit Description......................................................................... 22
 
LO Interface................................................................................. 22
 
V-to-I Converter......................................................................... 22
 
Mixers .......................................................................................... 22
 
Emitter Follower Buffers ........................................................... 22
 
Bias Circuit.................................................................................. 22
 
Applications Information .............................................................. 23
 
Basic Connections...................................................................... 23
 
Power Supply............................................................................... 23
 
Local Oscillator (LO) Input ...................................................... 23
 
RF Input....................................................................................... 24
 
Baseband Outputs ...................................................................... 24
 
Error Vector Magnitude (EVM) Performance........................... 24
 
Low IF Image Rejection............................................................. 25
 
Example Baseband Interface..................................................... 26
 
Characterization Setups................................................................. 30
 
Evaluation Board ............................................................................ 32
 
Thermal Grounding and Evaluation Board Layout............... 34
 
Outline Dimensions ....................................................................... 35
 
Ordering Guide .......................................................................... 35
 
REVISION HISTORY
7/09—Revision 0: Initial Version


Número de pieza similar - ADL5380ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
More results

Descripción similar - ADL5380ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
logo
Skyworks Solutions Inc.
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
   400 - 3900 MHz Direct Quadrature Demodulator
SKY73009 SKYWORKS-SKY73009 Datasheet
619Kb / 22P
   400 -3000 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
   700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
logo
Analog Devices
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com