Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5602-EVALZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADL5602-EVALZ
Descripción Electrónicos  50 MHz to 4.0 GHz RF/IF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5602-EVALZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5602-EVALZ Datasheet HTML 5Page - Analog Devices ADL5602-EVALZ Datasheet HTML 6Page - Analog Devices ADL5602-EVALZ Datasheet HTML 7Page - Analog Devices ADL5602-EVALZ Datasheet HTML 8Page - Analog Devices ADL5602-EVALZ Datasheet HTML 9Page - Analog Devices ADL5602-EVALZ Datasheet HTML 10Page - Analog Devices ADL5602-EVALZ Datasheet HTML 11Page - Analog Devices ADL5602-EVALZ Datasheet HTML 12Page - Analog Devices ADL5602-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADL5602
Rev. 0 | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
OIP3
P1dB
GAIN
NF
Figure 3. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
–40°C
+85°C
+25°C
Figure 4. Gain vs. Frequency and Temperature
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
S22
S12
S11
Figure 5. Input Return Loss (S11), Output Return Loss (S22), and
Reverse Isolation (S12) vs. Frequency
0
5
10
15
20
25
30
35
40
45
12
14
16
18
20
22
24
26
28
30
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
–40°C
+85°C
+25°C
–40°C
+85°C
+25°C
Figure 6. P1dB and OIP3 vs. Frequency and Temperature
20
22
24
26
28
30
32
34
36
38
40
42
44
–5
–3
–1
13579
11
13
15
17
POUT PER TONE (dBm)
140MHz
50MHz
4000MHz
3500MHz
2600MHz
2000MHz
350MHz
700MHz
900MHz
Figure 7. OIP3 vs. Output Power (POUT) and Frequency
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
+25°C
+85°C
–40°C
Figure 8. Noise Figure vs. Frequency and Temperature


Número de pieza similar - ADL5602-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5602-EVALZ AD-ADL5602-EVALZ Datasheet
322Kb / 16P
   RF/IF Gain Block
More results

Descripción similar - ADL5602-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com