Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM12914-1ARQZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADM12914-1ARQZ
Descripción Electrónicos  짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM12914-1ARQZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM12914-1ARQZ Datasheet HTML 6Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 7Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 8Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 9Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 10Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 11Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 12Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 13Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM12914
Rev. 0 | Page 10 of 16
MONITORING PIN CONNECTIONS
Positive Voltage Monitoring Scheme
When monitoring a positive supply, the desired nominal
operating voltage for monitoring is denoted by VM, IM is the
nominal current through the resistor divider, VOV is the over-
voltage trip point, and VUV is the undervoltage trip point.
0.5V
UVx
VHx
VM
VLx
OVx
ADM12914
RX
VPH
VPL
RZ
RY
Figure 17. Positive Undervoltage/Overvoltage Monitoring Configuration
Figure 17 illustrates the positive voltage monitoring input con-
nection. Three external resistors, RX, RY, and RZ, divide the
positive voltage for monitoring,VM, into high-side voltage,
VPH, and low-side voltage, VPL. The high-side voltage is con-
nected to the corresponding VHx pin and the low-side voltage
is connected to the corresponding VLx pin.
To trigger an overvoltage condition, the low-side voltage (in this
case, VPL) must exceed the 0.5 V threshold on the VLx pin. The
low-side voltage, VPL, is given by the following equation:
V
5
.
0
=
⎟⎟
⎜⎜
+
+
=
Z
Y
X
Z
OV
PL
R
R
R
R
V
V
Also,
M
M
Z
Y
X
I
V
R
R
R
=
+
+
Therefore, RZ, which sets the desired trip point for the overvoltage
monitor, is calculated using the following equation:
()
()()
M
OV
M
Z
I
V
V
R
)
5
.
0
(
=
(1)
To trigger the undervoltage condition, the high-side voltage,
VPH, must exceed the 0.5 V threshold on the VHx pin. The high-
side voltage, VPH, is given by the following equation:
V
5
.
0
=
⎟⎟
⎜⎜
+
+
+
=
Z
Y
X
Z
Y
UV
PH
R
R
R
R
R
V
V
Because RZ is already known, RY can be expressed as follows:
()
()() Z
M
UV
M
Y
R
I
V
V
R
=
)
5
.
0
(
(2)
When RY and RZ are known, RX is calculated using the following
formula:
( )
()
Y
Z
M
M
X
R
R
I
V
R
=
(3)
If VM, IM, VOV, or VUV change, each step must be recalculated.
Negative Voltage Monitoring Scheme
Figure 18 shows the circuit configuration for negative supply
voltage monitoring. To monitor a negative voltage, a 1 V reference
voltage is required to connect to the end node of the voltage
divider circuit. This reference voltage is generated internally
and is output through the REF pin.
0.5V
OVx
VHx
VM
VLx
UVx
REF
ADM12914
RZ
VNH
VNL
RX
RY
Figure 18. Negative Undervoltage/Overvoltage Monitoring Configuration
The equations described previously in the Positive Voltage
Monitoring Scheme section need some minor modifications for
use with negative voltage monitoring. The 1 V reference voltage
is added to the overall voltage drop; it must therefore be sub-
tracted from VM, VUV, and VOV before using each in the previous
equations.
To monitor a negative voltage level, the resistor divider circuit
divides the voltage differential level between the 1 V reference
voltage and the negative supply voltage into high-side voltage,
VNH, and low-side voltage, VNL. Similar to the positive voltage
monitoring scheme, the high-side voltage, VNH, is connected to
the corresponding VHx pin and the low-side voltage, VNL, is
connected to the corresponding VLx pin. Refer to the Voltage
Monitoring Example section for further information.
THRESHOLD ACCURACY
The reset threshold accuracy is fundamental, especially at lower
voltage levels. Consider an FPGA application that requires a 1 V
core voltage input with a tolerance of ±5%, where the supply has
a specified regulation, for example, ±2.6%. As shown in Figure 19,
to ensure the supply is within the FPGA input voltage requirement
range, its voltage level must be monitored for UV and OV condi-
tions. The voltage swing on the supply itself causes the voltage
band available for setting the monitoring threshold to be quite
narrow. In this example, the threshold voltages, including the


Número de pieza similar - ADM12914-1ARQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ AD-ADM1293-1AACPZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ-RL7 AD-ADM1293-1AACPZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ AD-ADM1293-1AARUZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ-RL7 AD-ADM1293-1AARUZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
More results

Descripción similar - ADM12914-1ARQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
   Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
   Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
LTC2962 AD-LTC2962 Datasheet
1Mb / 20P
   Accurate Quad Configurable Supervisor
logo
Linear Technology
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com