Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1491EBRMZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADM1491EBRMZ-REEL7
Descripción Electrónicos  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1491EBRMZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADM1491EBRMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM1490E/ADM1491E
Rev. B | Page 3 of 16
SPECIFICATIONS
4.75 V ≤ VCC ≤ 5.25 V; all minimum/maximum specifications apply over the entire recommended operation range, unless otherwise
noted. All typical specifications are at TA = 25°C, VCC = 5.0 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
SUPPLY CURRENT
Outputs Enabled
ICC1
1.2
2.0
mA
Outputs unloaded, digital inputs = VCC or GND
Outputs Disabled
ICC2
0.8
1.5
mA
Outputs unloaded, digital inputs = VCC or GND
DRIVER
Differential Outputs
Differential Output Voltage, Loaded
|VOD2|
2.0
5.0
V
RL = 100 Ω (RS-422), see Figure 21
1.5
5.0
V
RL = 54 Ω (RS-485), see Figure 21
|VOD3|
1.5
5.0
V
−7 V ≤ VTEST ≤ +12 V, see Figure 22
∆|VOD| for Complementary Output States
∆|VOD2|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 21
Common-Mode Output Voltage
VOC
3.0
V
RL = 54 Ω or 100 Ω, see Figure 21
∆|VOC| for Complementary Output States
∆|VOC|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 21
Output Leakage Current (Y, Z)
IO
100
μA
DE = 0 V, VDD = 0 V or 5 V, VIN = 12 V
IO
−100
μA
DE = 0 V, VDD = 0 V or 5 V, VIN = −7 V
Output Short-Circuit Current
IOS
250
mA
−7 V < VOUT < +12 V
Logic Inputs DE, RE, DI
Input Low Voltage
VIL
0.8
V
DE, RE, DI
Input High Voltage
VIH
2.0
V
DE, RE, DI
Input Current
II
−1
+1
μA
DE, RE, DI
RECEIVER
Differential Inputs
Differential Input Threshold Voltage
VTH
−0.2
+0.2
V
−7 V < VCM < +12 V
Input Voltage Hysteresis
VHYS
30
mV
VCM = 0 V
Input Current (A, B)
II
1.0
mA
VCM = 12 V
−0.8
mA
VCM = −7 V
Line Input Resistance
RIN
12
30
−7 V ≤ VCM ≤ +12 V
Logic Outputs
Output Voltage Low
VOL
0.4
V
IOUT = +4.0 mA, VA − VB = −0.2 V
Output Voltage High
VOH
4.0
V
IOUT = −4.0 mA, VA − VB = +0.2 V
Short-Circuit Current
85
mA
Three-State Output Leakage Current
IOZR
±1
μA
VCC = 5.25 V, 0.4 V < VOUT < 2.4 V


Número de pieza similar - ADM1491EBRMZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Descripción similar - ADM1491EBRMZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com