Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL325 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADXL325
Descripción Electrónicos  Small, Low Power, 3-Axis 짹5 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL325 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXL325 Datasheet HTML 4Page - Analog Devices ADXL325 Datasheet HTML 5Page - Analog Devices ADXL325 Datasheet HTML 6Page - Analog Devices ADXL325 Datasheet HTML 7Page - Analog Devices ADXL325 Datasheet HTML 8Page - Analog Devices ADXL325 Datasheet HTML 9Page - Analog Devices ADXL325 Datasheet HTML 10Page - Analog Devices ADXL325 Datasheet HTML 11Page - Analog Devices ADXL325 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADXL325
Rev. 0 | Page 8 of 16
0
5
10
15
20
25
30
0.164
0.166
0.168
0.170
0.172
0.174
0.176
0.178
0.180
0.182
SENSITIVITY (V/g)
Figure 15. X-Axis Sensitivity at 25°C, VS = 3 V
0.164
0.166
0.168
0.170
0.172
0.174
0.176
0.178
0.180
0.182
SENSITIVITY (V/g)
0
5
10
15
20
25
30
35
40
Figure 16. Y-Axis Sensitivity at 25°C, VS = 3 V
0.164
0.166
0.168
0.170
0.172
0.174
0.176
0.178
0.180
0.182
SENSITIVITY (V/g)
0
5
10
15
20
25
30
35
Figure 17. Z-Axis Sensitivity at 25°C, VS = 3 V
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
0.157
0.162
0.167
0.172
0.177
0.182
0.187
N = 8
Figure 18. X-Axis Sensitivity vs. Temperature,
Eight Parts Soldered to PCB, VS = 3 V
–40 –30 –20 –10 0
102030405060708090 100
TEMPERATURE (°C)
0.157
0.162
0.167
0.172
0.177
0.182
0.187
N = 8
Figure 19. Y-Axis Sensitivity vs. Temperature,
Eight Parts Soldered to PCB, VS = 3 V
0.157
0.162
0.167
0.172
0.177
0.182
0.187
–40 –30 –20 –10 0
102030 405060 708090 100
TEMPERATURE (°C)
N = 8
Figure 20. Z-Axis Sensitivity vs. Temperature,
Eight Parts Soldered to PCB, VS = 3 V


Número de pieza similar - ADXL325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Descripción similar - ADXL325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com