Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SA1412 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

No. de Pieza. SA1412
Descripción  TWO CELL LI BATTERY PROTECTION CIRCUIT
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo 

SA1412 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SA1412
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2007.09.28
Http: www.silan.com.cn
Page 2 of 5
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC max
-0.3~18
V
CS Pin Voltage
VCSmax
-0.6~VCC
V
OC Pin Voltage
VOCmax
-0.6~VCC
V
Allowable Dissipation
Pd
300
mV
Storage Temperature Range
Tstg
-40~125
°C
Operating Temperature Range
Tamb
-20~70
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, take SA1412B for instance, Tamb=25°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Overcharge Detection Voltage
VOC
Tamb=-20
°C ~70°C;
4.275
4.300
4.325
V
Overcharge
Detection
Hysteresis
Voltage
VOC
170
220
270
mV
Overdischarge Detection Voltage
VOD
2.20
2.30
2.40
V
Consumption Current 1
IVH1
VH=VL=1.0V, VCS=1.4V
--
--
0.1
µA
Consumption Current 2
IVH2
VH=VL =1.9V, VCS=3.2V
--
0.5
0.8
µA
Consumption Current 3
IVH3
VH=VL =3.5V
--
18.0
23.0
µA
Consumption Current 4
IVH4
VH=VL =4.5V,ROC=270 K
--
150
--
µA
VL pin input Current
IVL
VH=VL =3.5V
-0.3
0
0.3
µA
Overdischarge Release Voltage
VDF
Discharge resume by
voltage rise
3.3
3.5
3.7
V
GD Pin H Output Voltage
VGDH
VH=VL =3.5V, IL=-10µA
VH-0.3 VH-0.2
--
V
GD Pin L Output Voltage
VGDL
VH=VL =3.5V, IL=10µA
--
0.2
0.3
V
(To be continued)


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn