Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5358 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN5358
Descripción Electrónicos  2MHz, 500mA, SC70 Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5358 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5358 Datasheet HTML 2Page - Fairchild Semiconductor FAN5358 Datasheet HTML 3Page - Fairchild Semiconductor FAN5358 Datasheet HTML 4Page - Fairchild Semiconductor FAN5358 Datasheet HTML 5Page - Fairchild Semiconductor FAN5358 Datasheet HTML 6Page - Fairchild Semiconductor FAN5358 Datasheet HTML 7Page - Fairchild Semiconductor FAN5358 Datasheet HTML 8Page - Fairchild Semiconductor FAN5358 Datasheet HTML 9Page - Fairchild Semiconductor FAN5358 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5358 • Rev. 1.0.1
6
Typical Characteristics
Unless otherwise noted, VIN = VEN = 3.6V, VOUT = 1.8V, and TA = 25°C.
22
24
26
28
30
32
-40
-20
0
2040
6080
Ambient Temperature (deg.C)
2.7VIN
3.6VIN
5.5VIN
Figure 10. Quiescent Current vs. Input Voltage and Temperature
Figure 11. Line Transient 3.3VIN to 3.9VIN,
50mA Load, 10µs/div.
Figure 12. Line Transient 3.3VIN to 3.9VIN,
250mA Load, 10µs/div.


Número de pieza similar - FAN5358

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358 Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S710X FAIRCHILD-FAN5358S710X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S712X FAIRCHILD-FAN5358S712X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S713X FAIRCHILD-FAN5358S713X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
FAN5358S718X FAIRCHILD-FAN5358S718X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
More results

Descripción similar - FAN5358

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358_10 Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com