Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4801S Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FAN4801S
Descripción Electrónicos  PFC/PWM Controller Combination
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4801S Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN4801S Datasheet HTML 6Page - Fairchild Semiconductor FAN4801S Datasheet HTML 7Page - Fairchild Semiconductor FAN4801S Datasheet HTML 8Page - Fairchild Semiconductor FAN4801S Datasheet HTML 9Page - Fairchild Semiconductor FAN4801S Datasheet HTML 10Page - Fairchild Semiconductor FAN4801S Datasheet HTML 11Page - Fairchild Semiconductor FAN4801S Datasheet HTML 12Page - Fairchild Semiconductor FAN4801S Datasheet HTML 13Page - Fairchild Semiconductor FAN4801S Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800A/C, FAN4801/1S/2/2L • Rev. 1.0.2
10
Electrical Characteristics (Continued)
VDD=15V, TA=25°C, RT=6.8kΩ, CT=1000pF unless noted operating specifications.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage Error Amplifier
FBPFC
Input Voltage Range
(3)
0
6
V
Vref
Reference Voltage
at T=25°C
2.45
2.50
2.55
V
AV
Open-Loop Gain
(3)
35
42
dB
Gmv
Transconductance
VNONINV=VINV, VVEA=3.75V at T=25°C
50
70
90
µmho
IFBPFC-L
Maximum Source Current
VFBPFC=2V, VVEA=1.5V
40
50
µA
IFBPFC-H
Maximum Sink Current
VFBPFC=3V, VVEA=6V
-50
-40
µA
IBS
Input Bias Current
-1
1
µA
VVEA-H
Output High Voltage on
VVEA
5.8
6.0
V
VVEA-L
Output Low Voltage on
VVEA
0.1
0.4
V
Current Error Amplifier
VISENSE
Input Voltage Range
(ISENSE Pin)
(3)
-1.5
0.7
V
GmI
Transconductance
VNONINV=VINV, VIEA=3.75V
78
88
100
µmho
VOFFSET
Input Offset Voltage
VVEA=0V, IAC Open
-10
10
mV
VIEA-H
Output High Voltage
6.8
7.4
8.0
V
VIEA-L
Output Low Voltage
0.1
0.4
V
IL
Source Current
VISENSE=-0.6V, VIEA=1.5V
35
50
µA
IH
Sink Current
VISENSE=+0.6V, VIEA=4.0V
-50
-35
µA
AI
Open-Loop Gain
(3)
40
50
dB
Tri-Fault Detect
tFBPFC_OPEN
Time to FBPFC Open
(3)
VFBPFC=VPFC-UVP to FBPFC OPEN,
470pF from FBPFC to GND
2
4
ms
VPFC-UVP
PFC Feedback Under-
Voltage Protection
0.4
0.5
0.6
V
Gain Modulator
IAC
Input for AC Current
(3)
Multiplier Linear Range
0
100
µA
IAC=17.67µA, VRMS=1.080V
VFBPFC=2.25V, at T=25°C
7.50
9.00
10.50
IAC=20µA, VRMS=1.224V VFBPFC=2.25V,
at T=25°C
6.30
7.00
7.70
IAC=25.69µA, VRMS=1.585V
VFBPFC=2.25V, at T=25°C
3.80
4.20
4.60
IAC=51.62µA, VRMS=3.169V
VFBPFC=2.25V, at T=25°C
0.95
1.05
1.16
GAIN
GAIN Modulator
(4)
IAC=62.23µA, VRMS=3.803V
VFBPFC=2.25V, at T=25°C
0.66
0.73
0.80
BW
Bandwidth
(3)
IAC=40µA
2
kHz
Vo(gm)
Output Voltage=5.7kΩ ×
(ISENSE-IOFFSET)
(3)
IAC=20µA, VRMS=1.224V VFBPFC=2.25V,
at T=25°C
0.74
0.82
0.90
V


Número de pieza similar - FAN4801S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4801SMY FAIRCHILD-FAN4801SMY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4801SMY FAIRCHILD-FAN4801SMY Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4801SNY FAIRCHILD-FAN4801SNY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4801SNY FAIRCHILD-FAN4801SNY Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
More results

Descripción similar - FAN4801S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com