Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA2104S Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

No. de pieza SA2104S
Descripción Electrónicos  3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2104S Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SA2104S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 10Page - Silan Microelectronics Joint-stock SA2104S Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SA2104/SA2104S
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 7 of 13
(Continued)
Pin voltage (Typ.) (V)
Pin
No.
Symbol
Pin description
Internal circuit
AM
FM
22
AM RF IN
AM RF input pin.
3.0
3.0
23
RF VCC
(VCC for FM OSC stage)
--
3.0
3.0
24
FM RF OUT
FM RF output pin.
3.0
3.0
FUNCTION DESCRIPTION
Application note:
1. AM low-cut circuit
When pin3 is open, no AF signal can pass through the AMP stage because of the common mode.
When the value of C3 that connected to pin3 is over 1uF, all AF signal can pass through the AMP stage.
The cut-off frequency fL is determined by the internal resistance 22k
Ω (Typ.) and the external capacitor C3 as
below:
C3
x
3
10
x
22
x
x
2
1
fL
=
(Hz)
It is possible to reduce the recovered output level at AM mode, by additional resistance between the pin (3)
and GND line.
2. FM detection circuit
Recommended circuit and recommended coil are as follows. (Test frequency is 10.7M)


Número de pieza similar - SA2104S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SA210 WTE-SA210 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
   5mm LED Assembly Single Way to 4 Way
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210 PANJIT-SA210 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Descripción similar - SA2104S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
692Kb / 20P
   3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2149BN TOSHIBA-TA2149BN Datasheet
243Kb / 15P
   3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com