Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6210MY Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN6210MY
Descripción Electrónicos  Primary-Side Synchronous Rectifier (SR) Trigger Controller for Dual Forward Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6210MY Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6210MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 9Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 10Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6210 Rev. 1.0.1
7
Function Description
Figure 13 and Figure 14 show the simplified circuit
diagram of dual-forward converter and its key
waveforms. Switches Q1 and Q2 are turned on and off
together. Once Q1 and Q2 are turned on, input voltage
is applied across the transformer primary side and
power is delivered to the secondary side through the
transformer, powering diode D1. During this time, the
magnetizing current linearly increases. When Q1 and
Q2 are turned off, the magnetizing current of the
transformer forces the reset diodes (DR1 and DR2) and
negative input voltage is applied across the transformer
primary side. During this time, magnetizing current
linearly decreases to zero and the secondary-side
inductor current freewheels through diode D2. When
synchronous rectifiers SR1 and SR2 are used instead
of diodes D1 and D2, it is important to have proper
timing between drive signals for SR1 and SR2.
V
o
D
1
V
IN
Q2
Q1
D
2
L
L
m
+
Vx
-
+
V
D
-
I
m
I
L
D
R1
D
R2
SR1
SR2
Figure 13. Simplified Circuit Diagram of
Dual-Forward Converter
Vgs
Vx
I
M
I
L
V
in
Q1,Q2
V
D
V
in
I
D1
I
D2
Figure 14. Key Waveforms of Dual-Forward
Converter
Figure 15 shows the typical application circuit of
FAN6210. SIN is the gate drive output of the PWM
controller. SOUT is obtained from SIN by adding a
delay, which is used to drive two switches Q1 and Q2.
The value of the DET resistor is recommended as 10kΩ
and DB is used to block high voltage on winding. The
breakdown voltage of Zener diode DZ is typically 5~6V
to protect the DET pin from over voltage.
Q2
Q1
XP
XN
SIN
RDLY
GND
SOUT
VDD
DET
FAN6210
From PWM
controller
1
2
3
4
8
7
6
5
VIN +
-
Drv
Drv
SN of FSR660/630
SP of FSR660/630
D
z
D
B
Figure 15. Typical Application Circuit
Figure 16 shows the timing diagrams for heavy-load
and light-load conditions.
The switching operation of the secondary SR
MOSFETs is determined by the SN and SP signals.
FSR660/630 turns on SR MOSFETs at the rising edge
of the XP signal, while it turns off SR MOSFETs at the
rising edge of XN. Within one switching cycle, XP and
XN are obtained two times, respectively.
The XN signal has a 300ns pulse-width and is triggered
by the rising edge and falling edge of the SIN signal
after a short time delay (tPD_XN).
XP signal has a 700ns pulse-width and is triggered by
the rising edge of the SOUT signal after an adjustable
time delay (tDLY_XP) and by the falling edge of the DET
signal. The relation between the delay resistor (RDELAY)
and the delay time is shown in Figure 17. The triggering
of the XP signal by DET is prohibited while the XN
signal is HIGH. Therefore, the XP signal is not triggered
at the falling edge of the DET signal and is delayed until
the XN signal drops to zero at heavy-load condition. At
light-load condition, the DET falling edge comes after
the XN signal drops to zero and the XP signal is
triggered at the falling edge of the DET signal after a
short time delay (tPD_DET).


Número de pieza similar - FAN6210MY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6210MY FAIRCHILD-FAN6210MY Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
More results

Descripción similar - FAN6210MY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
AN-6206 FAIRCHILD-AN-6206 Datasheet
553Kb / 9P
   Primary-Side Synchronous Rectifier (SR) Trigger Solution for Dual-Forward Converter
FAN6210 FAIRCHILD-FAN6210_10 Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
Texas Instruments
UCC24636 TI1-UCC24636 Datasheet
2Mb / 35P
[Old version datasheet]   Synchronous Rectifier (SR) Controller
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
   Dual Transistor Synchronous Forward Controller
logo
Fairchild Semiconductor
SG6203 FAIRCHILD-SG6203 Datasheet
460Kb / 13P
   Synchronous Rectifier Controller for Flyback Converter
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
   High Efficiency, Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com