Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6754MLMY Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN6754MLMY
Descripción Electrónicos  Highly Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754MLMY Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6754MLMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 9Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 10Page - Fairchild Semiconductor FAN6754MLMY Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754 • Rev. 1.0.0
7
Electrical Characteristics (Continued)
VDD=15V and TA=25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
Oscillator Section
Center Frequency
61
65
69
fOSC
Frequency in Normal Mode
Hopping Range
±3.7
±4.2
±4.7
KHz
FB > VFB-N
3.9
4.4
4.9
ms
tHOP
Hopping Period
FB=VFB-G
10.2
11.5
12.8
ms
fOSC-G
Green-Mode Frequency
19
22
25
KHz
fDV
Frequency Variation vs. VDD Deviation
VDD=11V to 22V
5
%
fDT
Frequency Variation vs. Temperature
Deviation
TA=-40 to +105°C
5
%
Feedback Input Section
AV
Input Voltage to Current-Sense Attenuation
1/4.5
1/4.0
1/3.5
V/V
ZFB
Input Impedance
13.5
15.5
17.5
kΩ
VFB-OPEN Output High Voltage
FB Pin Open
4.8
5.0
5.2
V
VFB-OLP
FB Open-Loop Trigger Level
4.3
4.6
4.9
V
tD-OLP
Delay Time of FB Pin Open-Loop Protection
50
55
60
ms
Pin, FB Voltage
(FB =VFB-N)
2.6
2.8
3.0
V
VFB-N
Green-Mode Entry FB Voltage
Hopping Range
±
3.7
±
4.2
±
4.7
kHz
Pin, FB Voltage
(FB =VFB-G)
2.1
2.3
2.5
V
VFB-G
Green-Mode Ending FB Voltage
Hopping Range
±
1.27
±
1.45
±
1.62
kHz
VFB-ZDCR FB Threshold Voltage for Zero-Duty Recovery
1.9
2.1
2.3
V
VFB-ZDC
FB Threshold Voltage for Zero-Duty
1.8
2.0
2.2
V
Continued on the following page…
Figure 8. VFB vs. PWM Frequency
PWM Frequency
fOSC
fOSC-G
VFB-N
VFB-G
VFB-ZDC
VFB
VFB-ZDCR


Número de pieza similar - FAN6754MLMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
813Kb / 14P
   Highly Integrated Green- Mode PWM Controller
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
804Kb / 14P
   Highly Integrated Green- Mode PWM Controller
More results

Descripción similar - FAN6754MLMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com